Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC112 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC112
Description  DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC112 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC112 Datasheet HTML 1Page - STMicroelectronics M74HC112 Datasheet HTML 2Page - STMicroelectronics M74HC112 Datasheet HTML 3Page - STMicroelectronics M74HC112 Datasheet HTML 4Page - STMicroelectronics M74HC112 Datasheet HTML 5Page - STMicroelectronics M74HC112 Datasheet HTML 6Page - STMicroelectronics M74HC112 Datasheet HTML 7Page - STMicroelectronics M74HC112 Datasheet HTML 8Page - STMicroelectronics M74HC112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M74HC112
2/12
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1, 13
1CK, 2CK
Clock Input(HIGH to LOW
edge triggered)
2, 12
1K, 2K
Data Inputs: Flip-Flop 1
and 2
3, 11
1J, 2J
Data Inputs: Flip-Flop 1
and 2
4, 10
1PR, 2PR
Set Inputs
5, 9
1Q, 2Q
True Flip-Flop Outputs
6, 7
1Q, 2Q
Complement Flip-Flop
Outputs
15, 14
1CLR, 2CLR Reset Inputs
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
CLR
PR
JK
CK
Q
Q
L
H
X
X
X
L
H
CLEAR
H
L
X
X
X
H
L
PRESET
LL
X
X
X
H
H
----
H
H
L
L
Qn
Qn
NO CHANGE
HHH
L
H
L
----
H
H
LH
LH
----
HHHH
Qn
Qn
TOGGLE
H
H
X
X
Qn
Qn
NO CHANGE


Similar Part No. - M74HC112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC112 STMICROELECTRONICS-M74HC112 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M74HC112B1R STMICROELECTRONICS-M74HC112B1R Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M74HC112C1R STMICROELECTRONICS-M74HC112C1R Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M74HC112M1R STMICROELECTRONICS-M74HC112M1R Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
More results

Similar Description - M74HC112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC76 STMICROELECTRONICS-M54HC76 Datasheet
251Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
   Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
M74HC109 STMICROELECTRONICS-M74HC109_01 Datasheet
187Kb / 12P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M54HC109 STMICROELECTRONICS-M54HC109 Datasheet
249Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
M74HC73 STMICROELECTRONICS-M74HC73 Datasheet
247Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
October 1992
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
August 2001
logo
Hitachi Semiconductor
HD74LS76A HITACHI-HD74LS76A Datasheet
72Kb / 6P
   Dual J-K Flip-Flop(with Preset and Clear)
logo
STMicroelectronics
M74HC73-1 STMICROELECTRONICS-M74HC73-1 Datasheet
323Kb / 11P
   DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com