Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HCT244K1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HCT244K1
Description  RAD HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT244K1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HCT244K1 Datasheet HTML 2Page - STMicroelectronics M54HCT244K1 Datasheet HTML 3Page - STMicroelectronics M54HCT244K1 Datasheet HTML 4Page - STMicroelectronics M54HCT244K1 Datasheet HTML 5Page - STMicroelectronics M54HCT244K1 Datasheet HTML 6Page - STMicroelectronics M54HCT244K1 Datasheet HTML 7Page - STMicroelectronics M54HCT244K1 Datasheet HTML 8Page - STMicroelectronics M54HCT244K1 Datasheet HTML 9Page - STMicroelectronics M54HCT244K1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
M54HCT244
7/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.1
2.71
0.083
0.107
a1
3.00
3.70
0.118
0.146
a2
0.63
0.88
1.14
0.025
0.035
0.045
B
1.93
2.03
2.23
0.076
0.080
0.088
b
0.40
0.45
0.50
0.016
0.018
0.020
b1
0.20
0.254
0.30
0.008
0.010
0.012
D
25.14
25.40
25.65
0.990
1.000
1.010
E
7.36
7.62
7.87
0.290
0.300
0.310
e
2.54
0.100
e1
22.73
22.86
22.99
0.895
0.900
0.905
e2
7.62
7.87
8.12
0.300
0.310
0.320
F
7.29
7.49
7.70
0.287
0.295
0.303
I
3.86
0.152
K
11.30
11.56
0.445
0.455
L
1.14
1.27
1.40
0.045
0.050
0.055
DILC-20 MECHANICAL DATA
0016178J


Similar Part No. - M54HCT244K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT244K STMICROELECTRONICS-M54HCT244K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HCT244K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC541 STMICROELECTRONICS-M54HC541_04 Datasheet
254Kb / 11P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HC241D STMICROELECTRONICS-M54HC241D Datasheet
164Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HC244 STMICROELECTRONICS-M54HC244 Datasheet
154Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
M54HC540 STMICROELECTRONICS-M54HC540_04 Datasheet
266Kb / 11P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M54HC240 STMICROELECTRONICS-M54HC240_04 Datasheet
158Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M54HC245 STMICROELECTRONICS-M54HC245_04 Datasheet
164Kb / 10P
   RAD-HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HCT245 STMICROELECTRONICS-M54HCT245_04 Datasheet
234Kb / 10P
   RAD HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com