Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4292IJQ-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT4292IJQ-T1
Description  Seven Channel High-Side I/O Expanderimage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4292IJQ-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT4292IJQ-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4292IJQ-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4292IJQ-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4292IJQ-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4292IJQ-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4292IJQ-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4292IJQ-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4292IJQ-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4292IJQ-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AAT4292
Seven Channel High-Side I/O Expander
SmartSwitch
TM
PRODUCT DATASHEET
4292.2008.08.1.0
3
www .analogictech.com
AAT4292
Seven Channel High-Side I/O Expander
SmartSwitch
TM
PRODUCT DATASHEET
4292.2008.08.1.0
3
www .analogictech.com
Absolute Maximum Ratings1
Symbol
Description
Value
Units
VIN
VIN to GND
-0.3 to 6.0
V
VOUT
OUT to GND
-0.3 to VIN + 0.3
V
VEN/SET
EN/SET to GND
-0.3 to 6.0
V
IMAX
Maximum Continuous Switch Current
250
mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
VESD
ESD Rating – HBM2
4000
V
Thermal Information
Symbol
Description
Value
Units
ΘJA
Thermal Resistance3
225
°C/W
PD
Maximum Power Dissipation4 (TA = 25°C)
440
mW
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
2. Human body model is a 100pF capacitor discharged through a 1.5kΩ resistor to each pin.
3. Mounted on a FR4 board.
4. Derate 4.4mW/°C above 25°C.


Similar Part No. - AAT4292IJQ-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analog Technol...
AAT4290 AAT-AAT4290 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4290IJS-1-T1 ANALOGICTECH-AAT4290IJS-1-T1 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
logo
Advanced Analog Technol...
AAT4290IJS-1-T1 AAT-AAT4290IJS-1-T1 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
More results

Similar Description - AAT4292IJQ-T1

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1458A KEYSIGHT-E1458A Datasheet
180Kb / 4P
   96-Channel Digital I/O
logo
MolexKits
76650-0006 MOLEXKITS-76650-0006 Datasheet
38Kb / 2P
   SMT High Speed I/O
logo
Hirose Electric
DX30AM-50P HIROSE-DX30AM-50P Datasheet
1Mb / 18P
   HIGH-DENSITY I/O CONNECTOR
logo
Samtec, Inc
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
   HIGH SPEED I/O SYSTEM
HDMR-29-01-S-SM-TR SAMTEC-HDMR-29-01-S-SM-TR Datasheet
334Kb / 1P
   HIGH SPEED I/O RECEPTACLES
HDMR1902SSM SAMTEC-HDMR1902SSM Datasheet
334Kb / 1P
   HIGH SPEED I/O RECEPTACLES
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
   High-Speed Digital I/O
April 2018. Rev 5
logo
Allen-Bradley
1734-IE8C ALLEN-BRADLEY-1734-IE8C Datasheet
1Mb / 14P
   POINT I/O 8 Channel High Density Current Input Module
September 2022
logo
Texas Instruments
THS4150 TI-THS4150 Datasheet
563Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com