Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT351XIGV-4.90CC Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT351XIGV-4.90CC
Description  Micropower 關P Reset with Watchdog Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT351XIGV-4.90CC Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT351XIGV-4.90CC Datasheet HTML 3Page - Advanced Analogic Technologies AAT351XIGV-4.90CC Datasheet HTML 4Page - Advanced Analogic Technologies AAT351XIGV-4.90CC Datasheet HTML 5Page - Advanced Analogic Technologies AAT351XIGV-4.90CC Datasheet HTML 6Page - Advanced Analogic Technologies AAT351XIGV-4.90CC Datasheet HTML 7Page - Advanced Analogic Technologies AAT351XIGV-4.90CC Datasheet HTML 8Page - Advanced Analogic Technologies AAT351XIGV-4.90CC Datasheet HTML 9Page - Advanced Analogic Technologies AAT351XIGV-4.90CC Datasheet HTML 10Page - Advanced Analogic Technologies AAT351XIGV-4.90CC Datasheet HTML 11Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Package Information
SOT23-5
All dimensions in millimeters.
0.15
± 0.07
0.45
± 0.15
0.10 BSC
0.40
± 0.10
0.60 REF
2.85
± 0.15
1.90 BSC
0.95
BSC
10
° ± 5°
GAUGE PLANE
0.075
± 0.075
0.60 REF
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
3510.2006.03.1.7
11
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
© Advanced Analogic Technologies, Inc.
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights,
or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice.
Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold
subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech
warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and other quality con-
trol techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.


Similar Part No. - AAT351XIGV-4.90CC

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3510IGV-2.63-A-A-T1 ANALOGICTECH-AAT3510IGV-2.63-A-A-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3510IGV-2.63-A-B-T1 ANALOGICTECH-AAT3510IGV-2.63-A-B-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3510IGV-2.63-A-C-T1 ANALOGICTECH-AAT3510IGV-2.63-A-C-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
More results

Similar Description - AAT351XIGV-4.90CC

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com