Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP30NE03L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP30NE03L
Description  N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NE03L Datasheet(HTML) 5 Page - STMicroelectronics

  STP30NE03L Datasheet HTML 1Page - STMicroelectronics STP30NE03L Datasheet HTML 2Page - STMicroelectronics STP30NE03L Datasheet HTML 3Page - STMicroelectronics STP30NE03L Datasheet HTML 4Page - STMicroelectronics STP30NE03L Datasheet HTML 5Page - STMicroelectronics STP30NE03L Datasheet HTML 6Page - STMicroelectronics STP30NE03L Datasheet HTML 7Page - STMicroelectronics STP30NE03L Datasheet HTML 8Page - STMicroelectronics STP30NE03L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Gate Charge vs Gate-source Voltage
Normalized Gate Threshold Voltage vs
Temperature
Source-drain Diode Forward Characteristics
Capacitance Variations
Normalized On Resistance vs Temperature
STP30NE03L/FP
5/9


Similar Part No. - STP30NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
   N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP30NE06FP STMICROELECTRONICS-STP30NE06FP Datasheet
48Kb / 6P
   N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP30NE06LFP STMICROELECTRONICS-STP30NE06LFP Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
More results

Similar Description - STP30NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
   N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
   N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP45NF3LL STMICROELECTRONICS-STP45NF3LL_06 Datasheet
357Kb / 16P
   N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
STP60NF03L STMICROELECTRONICS-STP60NF03L Datasheet
46Kb / 6P
   N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com