Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7463A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7463A
Description  LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7463A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7463A Datasheet HTML 1Page - STMicroelectronics TDA7463A Datasheet HTML 2Page - STMicroelectronics TDA7463A Datasheet HTML 3Page - STMicroelectronics TDA7463A Datasheet HTML 4Page - STMicroelectronics TDA7463A Datasheet HTML 5Page - STMicroelectronics TDA7463A Datasheet HTML 6Page - STMicroelectronics TDA7463A Datasheet HTML 7Page - STMicroelectronics TDA7463A Datasheet HTML 8Page - STMicroelectronics TDA7463A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
TDA7463A
June 2004
1FEATURES
2 STEREO INPUT
1 STEREO OUTPUT
TREBLE BOOST
BASS CONTROL
BASS AUTOMATIC LEVEL CONTROL
VOLUME CONTROL IN 1dB STEPS
MUTE
STAND-BY FUNCTION SOFTWARE
CONTROLLED
ALL FUNCTION ARE PROGRAMMABLE VIA
SERIAL BUS
2DESCRIPTION
The TDA7463A is a volume tone (bass and treble)
processor for quality audio applications in Low
voltage supply portable systems.
Bass ALC (Automatic Level Control) function can
be adjusted by a dedicated pin. The control of all
the functions is accomplished by serial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are
obtained.
LOW VOLTAGE TONE CONTROL
DIGITALLY CONTROLLED AUDIO PROCESSOR
Figure 2. Application & Test Circuit
IN1-R
ALC
IN1-L
C2 0.47
µF
C3 0.47
µF
C6
3.3nF
C7
100nF
C8
100nF
R2
5.6K
SUPPLY
VS
GND
CREF
TREBLE-L
D99AU1049
I2C BUS DECODER + LATCHES
SCL
SDA
OUT-L
OUT-R
C9
22
µF
+
TREBLE-R
RB
RB
BASSI-R
BASSO-R
x1
x5
x1
x5
C4 0.47
µF
C5 0.47
µF
50K
R1
1M
TREBLE
-63dB
CONTROL
-63dB
CONTROL
INPUT
SELECT
TREBLE
BASS
BASS
BASS_ALC
CONTROL
HALF_WAVE
RECTIFIER
50K
50K
IN2-R
18
17
15
16
19
20
2
3
4
5
6
11
12
1
7
9
10
14
C1 0.47
µF
IN2-L
50K
VREF
0/-10dB
0/-10dB
BASSO-L
BASSI-L
C10
100nF
C11
100
µF
R3
1K
R4
1K
VS
DGND
C14 3.3nF
R5
5.6K
100nF
100nF
C13
C12
1
2
3
4
VS
VS
VS
I2C
SCL
SDA
REV. 4
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7463A
SO20
SO20


Similar Part No. - TDA7463A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7463A STMICROELECTRONICS-TDA7463A Datasheet
90Kb / 11P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463AD STMICROELECTRONICS-TDA7463AD Datasheet
90Kb / 11P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463AD STMICROELECTRONICS-TDA7463AD Datasheet
145Kb / 13P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463AD STMICROELECTRONICS-TDA7463AD_05 Datasheet
145Kb / 13P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
More results

Similar Description - TDA7463A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7463D STMICROELECTRONICS-TDA7463D Datasheet
151Kb / 11P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7863D STMICROELECTRONICS-TDA7863D Datasheet
112Kb / 12P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463AD STMICROELECTRONICS-TDA7463AD Datasheet
90Kb / 11P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463AD STMICROELECTRONICS-TDA7463AD_05 Datasheet
145Kb / 13P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463 STMICROELECTRONICS-TDA7463 Datasheet
175Kb / 12P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 5 April 2010
TDA7463D STMICROELECTRONICS-TDA7463D_04 Datasheet
116Kb / 12P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7440 STMICROELECTRONICS-TDA7440_10 Datasheet
741Kb / 17P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7449 STMICROELECTRONICS-TDA7449 Datasheet
128Kb / 17P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7449 STMICROELECTRONICS-TDA7449_04 Datasheet
200Kb / 19P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com