Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7438 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7438
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7438 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7438_04 Datasheet HTML 7Page - STMicroelectronics TDA7438_04 Datasheet HTML 8Page - STMicroelectronics TDA7438_04 Datasheet HTML 9Page - STMicroelectronics TDA7438_04 Datasheet HTML 10Page - STMicroelectronics TDA7438_04 Datasheet HTML 11Page - STMicroelectronics TDA7438_04 Datasheet HTML 12Page - STMicroelectronics TDA7438_04 Datasheet HTML 13Page - STMicroelectronics TDA7438_04 Datasheet HTML 14Page - STMicroelectronics TDA7438_04 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
TDA7438
Table 8. INPUT GAIN SELECTION
GAIN = 0 to 30dB
Table 9. VOLUME SELECTION
VOLUME = 0 to 47dB/MUTE
MSB
LSB
INPUT GAIN
D7
D6
D5
D4
D3
D2
D1
D0
2dB STEPS
0000
0dB
0001
2dB
0010
4dB
0011
6dB
0100
8dB
0101
10dB
0110
12dB
0111
14dB
1000
16dB
1001
18dB
1010
20dB
1011
22dB
1100
24dB
1101
26dB
1110
28dB
1111
30dB
MSB
LSB
VOLUME
D7
D6
D5
D4
D3
D2
D1
D0
1dB STEPS
00
0
0dB
00
1
-1dB
01
0
-2dB
01
1
-3dB
10
0
-4dB
10
1
-5dB
11
0
-6dB
11
1
-7dB
0000
0dB
0001
-8dB
0010
-16dB
0011
-24dB
0100
-32dB
0101
-40dB
X
111
X
X
X
MUTE


Similar Part No. - TDA7438_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7438D STMICROELECTRONICS-TDA7438D Datasheet
150Kb / 17P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
More results

Similar Description - TDA7438_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7439 STMICROELECTRONICS-TDA7439 Datasheet
167Kb / 19P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
June 2004 REV. 10
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7439DS STMICROELECTRONICS-TDA7439DS Datasheet
140Kb / 16P
   THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7439 STMICROELECTRONICS-TDA7439_08 Datasheet
299Kb / 23P
   Three-band digitally-controlled audio processor
TDA7439DS STMICROELECTRONICS-TDA7439DS_07 Datasheet
319Kb / 23P
   Three-band digitally-controlled audio processor
TDA7468 STMICROELECTRONICS-TDA7468 Datasheet
254Kb / 23P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
April 2010 Rev. 4
TDA7468D STMICROELECTRONICS-TDA7468D Datasheet
173Kb / 22P
   TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
   Digitally controlled audio processor
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
   Digitally Controlled Audio Processor
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com