Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3783 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3783
Description  1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3783 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3783 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3783 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3783 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3783 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3783 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3783 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3783 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3783 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3783 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AAT3783
1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
BatteryManagerTM
PRODUCT DATASHEET
10
3783.2008.08.1.2
www .analogictech.com
AAT3783
1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
BatteryManagerTM
PRODUCT DATASHEET
10
3783.2008.08.1.2
www .analogictech.com
Functional Description
The AAT3783 is a high performance battery charger
designed to charge single cell Lithium-Ion or Polymer
batteries with up to 1000mA of current from an external
power source. It is a stand-alone charging solution, with
just one external component required (two more for
options) for complete functionality. Also included is input
voltage protection (OVP) to up to +28V. OVP consists of
a low resistance P-channel MOSFET in series with the
charge control MOSFET, and also consists of under-volt-
age lockout protection, over-voltage monitor, and fast
shut-down circuitry with a fault output flag.
Battery Charging Operation
Figure 1 illustrates the entire battery charging profile or
operation, which consists of three phases:
1. Preconditioning (Trickle) Charge
2. Constant Current Charge
3. Constant Voltage Charge
Battery Preconditioning
Battery charging commences only after the AAT3783
checks several conditions in order to maintain a safe
charging environment. The input supply must be above
the minimum operating voltage (VUVLO) and the enable
pin must be high. When the battery is connected to the
BAT pin, the AAT3783 checks the condition of the battery
and determines which charging mode to apply. If the
battery voltage is below the preconditioning voltage
threshold, VMIN, then the AAT3783 begins precondition-
ing the battery cell (trickle charging) by charging at 10%
of the programmed constant current. For example, if the
programmed current is 500mA, then the preconditioning
mode (trickle charge) current is 50mA. Battery cell pre-
conditioning (trickle charging) is a safety precaution for
deeply discharged cells and will also reduce the power
dissipation in the internal series pass MOSFET when the
input-output voltage differential is at the greatest poten-
tial.
Functional Block Diagram
Charge
Control
Current
Compare
Reverse Blocking
Constant
Current
BAT
ISET
UVLO
Over
Temp.
Protect
Power
Detection
STAT
GND
Thermal
Loop
ADPP
Charge
Status
OVP
Sense
and
Control
ENOVP
IN
FLT
ENCHR
INCHR
IN
BAT S
CV/Pre-
Charge
CT
TS
TERM
OVP
Over-Current
Protection


Similar Part No. - AAT3783

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3783 ANALOGICTECH-AAT3783 Datasheet
413Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
AAT3783IRN-4.2-T1 ANALOGICTECH-AAT3783IRN-4.2-T1 Datasheet
413Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
logo
Skyworks Solutions Inc.
AAT3783 SKYWORKS-AAT3783_12 Datasheet
1Mb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
More results

Similar Description - AAT3783

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3783 SKYWORKS-AAT3783_12 Datasheet
1Mb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
logo
Advanced Analogic Techn...
AAT3783 ANALOGICTECH-AAT3783 Datasheet
413Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Richtek Technology Corp...
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com