Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3683-4 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3683-4
Description  1A Linear Li-Ion Battery Charger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3683-4 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3683-4 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3683-4 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3683-4 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3683-4 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3683-4 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3683-4 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3683-4 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3683-4 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3683-4 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AAT3683
1A Linear Li-Ion Battery Charger
BatteryManagerTM
PRODUCT DATASHEET
8
3683.2007.11.1.2
www .analogictech.com
Typical Characteristics
Operating Current vs. I
SET Resistor
RSET (k
Ω
Ω)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
1000
Preconditioning Mode
Constant Current Mode
Shutdown Current vs. Input Voltage
Input Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
4
4.5
5
5.5
6
6.5
7
7.5
85°C
25°C
-40°C
Counter Timeout vs. Temperature
(C
T = 0.1µF)
Temperature (
°°C)
-0.10
-0.05
0.00
0.05
0.10
-40
-15
10
35
60
85
CT Pin Capacitance vs. Counter Timeout
Time (hours)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
01
2
3
4
5
Preconditioning Timeout
Preconditioning + Constant Current
Timeout or Constant Voltage Timeout
Termination Current to Constant Current Ratio (%)
vs. Termination Resistance
ITERM Resistance (k
Ω
Ω)
0%
10%
20%
30%
40%
50%
0
10
2030405060
Charging Transistor On Resistance
vs. Supply Voltage
VIN (V)
400
450
500
550
600
650
700
750
800
3.6
3.9
4.2
4.5
4.8
5.1
85
°C
25
°C


Similar Part No. - AAT3683-4

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
AAT3683IOQ-4.2-2-T1 ANALOGICTECH-AAT3683IOQ-4.2-2-T1 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
AAT3683IOQ-4.2-3-T1 ANALOGICTECH-AAT3683IOQ-4.2-3-T1 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
AAT3683IVN-4.2-4-T1 ANALOGICTECH-AAT3683IVN-4.2-4-T1 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
   1A Linear Li-Ion Battery Charger
More results

Similar Description - AAT3683-4

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
   1A Linear Li-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
   1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
   1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
   1A Linear Li-Ion Battery Charger
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
   1A Linear Li-Ion Battery Charger
May,2020 V1.5
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
   BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com