Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3680 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT3680
Description  Lithium-Ion/Polymer Linear Battery Charge Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3680 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3680_06 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3680_06 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3680_06 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3680_06 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3680_06 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3680_06 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3680_06 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3680_06 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3680_06 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AAT3680
Lithium-Ion/Polymer
Linear Battery Charge Controller
3680.2006.03.1.6
5
Functional Block Diagram
LED Signal
Generator
MUX
Microcontroller
Status Generator
Microcontroller
Read Enable
Charge Status
Logic Control
Power-On
Reset
CSI
VP
STAT
T2X
DRV
VSS
Under-
Voltage
Lock Out
Over-Current /
Short-Circuit
Protection
2x Trickle
Charge
Control
Loop Select
MUX Driver
BAT
TS
VREF
Temperature Sense
Comparator
Voltage
Comparator
Current Loop
Error Amp
Voltage Loop
Error Amp
Functional Description
The AAT3680 is a linear charge controller designed
for single-cell lithium-ion/polymer batteries. It is a
full-featured battery management system IC with
multiple levels of integrated power savings, system
communication, and protection. Refer to the block
diagram (above) and flow chart (Figure 1) in this
section for details.
Cell Preconditioning
Before the start of charging, the AAT3680 checks
several conditions in order to maintain a safe charg-
ing environment. The input supply must be above
the minimum operating voltage, or under-voltage
lockout
threshold
(V
UVLO),
for
the
charging
sequence to begin. Also, the cell temperature, as
reported by a thermistor connected to the TS pin,
must be within the proper window for safe charging.
When these conditions have been met and a bat-
tery is connected to the BAT pin, the AAT3680
checks the state of the battery. If the cell voltage is
below V
MIN, the AAT3680 begins preconditioning
the cell. This is performed by charging the cell with
10% of the programmed constant current.
For
example, if the programmed charge current is
500mA, then the preconditioning mode (trickle
charge) current will be 50mA. Cell preconditioning
is a safety precaution for deeply discharged cells
and, furthermore, limits power dissipation in the
pass transistor when the voltage across the device
is largest. The AAT3680 features an optional T2X
mode, which allows faster trickle charging at
approximately two times the default rate.
This
mode is selected by connecting the T2X pin to V
SS.
If an over-temperature fault is triggered, the fast
trickle charge will be latched off, and the AAT3680
will continue at the default 10% charge current.
Constant Current Charging
Cell preconditioning continues until the voltage on
the BAT pin reaches V
MIN.
At this point, the
AAT3680 begins constant current charging (fast
charging).
Current level for this mode is pro-
grammed using a current sense resistor R
SENSE
between the VP and CSI pins. The CSI pin moni-
tors the voltage across R
SENSE to provide feedback
for the current control loop. The AAT3680 remains
in constant current charge mode until the battery
reaches the voltage regulation point, V
CH.


Similar Part No. - AAT3680_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3680IKS-4.1-T1 ANALOGICTECH-AAT3680IKS-4.1-T1 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
logo
Advanced Analog Technol...
AAT3680IKS-4.2-T1 AAT-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680IKS-8.2-T1 ANALOGICTECH-AAT3680IKS-8.2-T1 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
AAT3680IKS-8.4-T1 ANALOGICTECH-AAT3680IKS-8.4-T1 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
More results

Similar Description - AAT3680_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com