Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3670ISK-4.2-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3670ISK-4.2-T1
Description  1.6A Dynamic Battery Charger and Power Manager
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3670ISK-4.2-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3670ISK-4.2-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3670ISK-4.2-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3670ISK-4.2-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3670ISK-4.2-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3670ISK-4.2-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3670ISK-4.2-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3670ISK-4.2-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3670ISK-4.2-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3670ISK-4.2-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AAT3670
1.6A Dynamic Battery Charger and Power Manager
BatteryManager
TM
PRODUCT DATASHEET
3670.2008.04.1.5
11
www .analogictech.com
AAT3670
1.6A Dynamic Battery Charger and Power Manager
BatteryManager
TM
PRODUCT DATASHEET
3670.2008.04.1.5
11
www .analogictech.com
Typical Characteristics
V
IH vs. Supply Voltage
(ADP or USBL or USBH; EN = Rising)
Supply Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
-40
°C
25
°C
85
°C
V
IL vs. Supply Voltage
(ADP or USBL or USBH; EN = Falling)
Supply Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
-40
°C
25
°C
+85
°C
V
IH vs. Supply Voltage
(ENBAT = Rising)
Battery Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
-40
°C
25
°C
85
°C
V
IL vs. Supply Voltage
(ENBAT = Falling)
Battery Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
-40
°C
25
°C
85
°C
Adapter and Charging Current vs. Output Current
(VBAT = 3.6V)
Output Current (mA)
200
400
600
800
1000
1200
1400
1600
1800
0
200
400
600
800
1000
IADP
ICH
USB and Charging Current vs. Output Current
(USBL; VBAT = 3.6V)
Output Current (mA)
-1000
-800
-600
-400
-200
0
200
400
0
200
400
600
800
1000
ICH
IUSBL


Similar Part No. - AAT3670ISK-4.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3670ISK-4.2-T1 ANALOGICTECH-AAT3670ISK-4.2-T1 Datasheet
665Kb / 32P
   1.6A Dynamic Battery Charger and Power Manager
More results

Similar Description - AAT3670ISK-4.2-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3673 SKYWORKS-AAT3673 Datasheet
3Mb / 28P
   1.6A Dynamic Battery Charger and Power Manager
AAT3672 SKYWORKS-AAT3672 Datasheet
3Mb / 27P
   1.6A Dynamic Battery Charger and Power Manager
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670 Datasheet
665Kb / 32P
   1.6A Dynamic Battery Charger and Power Manager
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
   Battery Charger Controller and PowerPath Manager
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
ON Semiconductor
NCP1851FCCT1G ONSEMI-NCP1851FCCT1G Datasheet
124Kb / 2P
   Smallest 1.6A High Innovation Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com