Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC153K1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC153K1
Description  RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC153K1 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC153K1 Datasheet HTML 1Page - STMicroelectronics M54HC153K1 Datasheet HTML 2Page - STMicroelectronics M54HC153K1 Datasheet HTML 3Page - STMicroelectronics M54HC153K1 Datasheet HTML 4Page - STMicroelectronics M54HC153K1 Datasheet HTML 5Page - STMicroelectronics M54HC153K1 Datasheet HTML 6Page - STMicroelectronics M54HC153K1 Datasheet HTML 7Page - STMicroelectronics M54HC153K1 Datasheet HTML 8Page - STMicroelectronics M54HC153K1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
March 2004
s
HIGH SPEED:
tPD = 16ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 153
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9408-038
DESCRIPTION
The M54HC153 is an high speed CMOS DUAL 4
CHANNEL MULTIPLEXER fabricated with silicon
gate C2MOS technology.
Each of these data (1C0-1C3, 2C0-2C3) is
selected by the two address inputs A and B.
Separate strobe inputs (1G,2G) are provided for
each of the two four-line sections. The strobe input
(nG) can be used to inhibit the data output; the
output of M54HC153 is fixed at low level while the
strobe input is held high.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC153
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC153D
M54HC153D1
FPC
M54HC153K
M54HC153K1
DILC-16
FPC-16


Similar Part No. - M54HC153K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC153K STMICROELECTRONICS-M54HC153K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC153K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC253 STMICROELECTRONICS-M54HC253_04 Datasheet
229Kb / 10P
   RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
   RAD-HARD 8 CHANNEL MULTIPLEXER
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
   RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC257 STMICROELECTRONICS-M54HC257_04 Datasheet
168Kb / 10P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
M54HC4002 STMICROELECTRONICS-M54HC4002_04 Datasheet
191Kb / 9P
   RAD-HARD DUAL 4-INPUT NOR GATE
M54HC20 STMICROELECTRONICS-M54HC20_04 Datasheet
104Kb / 8P
   RAD-HARD DUAL 4-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com