Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLM20 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLM20
Description  Ultra-low current 2.4V precision analog temperature sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLM20 Datasheet HTML 5Page - STMicroelectronics STLM20 Datasheet HTML 6Page - STMicroelectronics STLM20 Datasheet HTML 7Page - STMicroelectronics STLM20 Datasheet HTML 8Page - STMicroelectronics STLM20 Datasheet HTML 9Page - STMicroelectronics STLM20 Datasheet HTML 10Page - STMicroelectronics STLM20 Datasheet HTML 11Page - STMicroelectronics STLM20 Datasheet HTML 12Page - STMicroelectronics STLM20 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STLM20
DC and AC characteristics
9/16
4
DC and AC characteristics
This section summarizes the DC and AC characteristics of the device. The parameters in
the DC and AC characteristics table that follows are derived from tests performed under the
test conditions (see Table6 on page9). Designers should check that the operating
conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Table 6.
DC and AC characteristics
Sym
Description
Test condition(1)
1.
Valid for ambient operating temperature: TA = –55 to 130°C or TA = –40 to 85°C; VCC = 2.7V (except where
noted).
Min
Typ(2)
2.
TJ = TA = 25°C.
Max
Unit
VCC
Supply voltage
TA = –30°C to 130°C
2.4
5.5
V
TA = –55°C to 130°C or
–40°C to 85°C
2.7
5.5
V
VO
Output voltage
TA = 0°C
1.8639
V
Temperature to voltage error(3)
VO = (–3.88E–6 * T2) +
(–1.15E–2 * T) + 1.8639V
3.
Error accuracy is between the measured and calculated output voltage at specified conditions of voltage,
current, and temperature.
TA = 25°C to 30°C
±1.5
°C
TA = 125°C to 130°C
±2.5
°C
TA = 80°C to 85°C
±2.1
°C
TA = 0°C
±1.9
°C
TA = –40°C
±2.3
°C
TA = –55°C
±2.5
°C
IQ
Quiescent current
2.4V
≤ VCC ≤ 5.5V
4.8
8
µA
Sensor gain (temperature
sensitivity or average slope),
VO = –11.77mV/°C * T + 1.860V
–30°C
≤ TA ≤ 100°C
–11.4 –11.77 –12.2
mV/°C
Non-linearity
–20°C
≤ TA ≤ 80°C
±0.4
%
ΔIQ
Change of quiescent current
2.4V
≤ VCC ≤ 5.5V
0.7
µA
TCVO
Temperature coefficient of
quiescent current
–11
nA/°C
ISD
Shutdown current
VCC ≤ 0.8V
0.02
µA
ZO
Output impedance
0µA
≤ IL ≤ 16µA(4)(5)
4.
With negative current flowing into STLM20 and positive current flowing out, can typically sink less than 1µA
and source is 16µA.
5.
Over the supply range of 2.4 to 5.5V.
160
Ω
RegL
Load regulation(6)
6.
Measured at constant junction temperature, with pulse testing and low duty cycle. Output changes due to
heating may be calculated by multiplying internal dissipation by thermal resistance.
–2.5
mV
RegI1
Line regulation
2.4V
≤ VCC ≤ 5.0V
3.3
mV/V
RegI2
5.0V
≤ VCC ≤ 5.5V
11
mV


Similar Part No. - STLM20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
STLM20DD STMICROELECTRONICS-STLM20DD Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
STLM20DD7F STMICROELECTRONICS-STLM20DD7F Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
STLM20DD9F STMICROELECTRONICS-STLM20DD9F Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
STLM20W8 STMICROELECTRONICS-STLM20W8 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
More results

Similar Description - STLM20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
   Ultra-Low-Power Analog Temperature Sensor
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
logo
Silicon Microstructures...
SM6250-DDN-T-050-000 SMI-SM6250-DDN-T-050-000 Datasheet
358Kb / 5P
   Ultra-Low Pressure Analog Sensor
logo
Texas Instruments
LMT70 TI-LMT70 Datasheet
1Mb / 29P
[Old version datasheet]   Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com