Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB22NS25Z Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB22NS25Z
Description  N-CHANNEL 250V - 0.13ohm - 22A TO-220/D2PAK Zener-Protected MESH OVERLAY??MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB22NS25Z Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB22NS25Z Datasheet HTML 2Page - STMicroelectronics STB22NS25Z Datasheet HTML 3Page - STMicroelectronics STB22NS25Z Datasheet HTML 4Page - STMicroelectronics STB22NS25Z Datasheet HTML 5Page - STMicroelectronics STB22NS25Z Datasheet HTML 6Page - STMicroelectronics STB22NS25Z Datasheet HTML 7Page - STMicroelectronics STB22NS25Z Datasheet HTML 8Page - STMicroelectronics STB22NS25Z Datasheet HTML 9Page - STMicroelectronics STB22NS25Z Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
STP22NS25Z / STB22NS25Z
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C


Similar Part No. - STB22NS25Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB22NS25Z STMICROELECTRONICS-STB22NS25Z Datasheet
313Kb / 14P
   N-channel 250V - 0.13廓 - 22A - TO-220 / D2PAK Zener-protected MESH OVERLAY??Power MOSFET
STB22NS25Z STMICROELECTRONICS-STB22NS25Z_06 Datasheet
313Kb / 14P
   N-channel 250V - 0.13廓 - 22A - TO-220 / D2PAK Zener-protected MESH OVERLAY??Power MOSFET
More results

Similar Description - STB22NS25Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB22NS25Z STMICROELECTRONICS-STB22NS25Z_06 Datasheet
313Kb / 14P
   N-channel 250V - 0.13廓 - 22A - TO-220 / D2PAK Zener-protected MESH OVERLAY??Power MOSFET
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY??MOSFET
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
   N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY??MOSFET
STP6NS25 STMICROELECTRONICS-STP6NS25 Datasheet
266Kb / 8P
   N-CHANNEL 250V - 0.9ohm - 6A TO-220 MESH OVERLAY??MOSFET
November 2002
STP16NS25 STMICROELECTRONICS-STP16NS25 Datasheet
330Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A TO-220 / TO-220FP MESH OVERLAY??MOSFET
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
327Kb / 12P
   N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
   N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com