Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN12 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TN12
Description  Sensitive and Standard 12 A SCRS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN12 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TN12_07 Datasheet HTML 4Page - STMicroelectronics TN12_07 Datasheet HTML 5Page - STMicroelectronics TN12_07 Datasheet HTML 6Page - STMicroelectronics TN12_07 Datasheet HTML 7Page - STMicroelectronics TN12_07 Datasheet HTML 8Page - STMicroelectronics TN12_07 Datasheet HTML 9Page - STMicroelectronics TN12_07 Datasheet HTML 10Page - STMicroelectronics TN12_07 Datasheet HTML 11Page - STMicroelectronics TN12_07 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
TN12, TS12 and TYNx12 Series
10/12
Figure 19.
D2PAK footprint dimensions (in millimeters)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available
at: www.st.com.
Table 9.
D2PAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048 0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
16.90
10.30
8.90
3.70
5.08
1.30


Similar Part No. - TN12_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
TN1220-600B-TR STMICROELECTRONICS-TN1220-600B-TR Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TN1220-600H-TR STMICROELECTRONICS-TN1220-600H-TR Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TN1220-700B-TR STMICROELECTRONICS-TN1220-700B-TR Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TN1220-700H-TR STMICROELECTRONICS-TN1220-700H-TR Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
More results

Similar Description - TN12_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com