Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC00 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC00
Description  RAD-HARD QUAD 2-INPUT NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC00 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC00 Datasheet HTML 1Page - STMicroelectronics M54HC00 Datasheet HTML 2Page - STMicroelectronics M54HC00 Datasheet HTML 3Page - STMicroelectronics M54HC00 Datasheet HTML 4Page - STMicroelectronics M54HC00 Datasheet HTML 5Page - STMicroelectronics M54HC00 Datasheet HTML 6Page - STMicroelectronics M54HC00 Datasheet HTML 7Page - STMicroelectronics M54HC00 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M54HC00
4/8
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/4 (per gate)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL Propagation Delay
Time
2.0
27
75
95
110
ns
4.5
9
15
19
22
6.0
8
13
16
19
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
10
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
20
pF


Similar Part No. - M54HC00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC00 STMICROELECTRONICS-M54HC00 Datasheet
234Kb / 9P
   QUAD 2-INPUT NAND GATE
December 1992
M54HC00 STMICROELECTRONICS-M54HC00 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00D STMICROELECTRONICS-M54HC00D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00F1R STMICROELECTRONICS-M54HC00F1R Datasheet
234Kb / 9P
   QUAD 2-INPUT NAND GATE
December 1992
M54HC00K STMICROELECTRONICS-M54HC00K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC132 STMICROELECTRONICS-M54HC132_04 Datasheet
104Kb / 7P
   RAD-HARD QUAD 2-INPUT SCHMITT NAND GATE
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
   Rad-hard plastic quad 2-input NAND gate
August 2021 Rev 4
M54HC03 STMICROELECTRONICS-M54HC03_04 Datasheet
103Kb / 7P
   RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
   RAD-HARD QUAD 2-INPUT OR GATE
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
   RAD-HARD QUAD 2-INPUT NOR GATE
M54HC08 STMICROELECTRONICS-M54HC08_04 Datasheet
104Kb / 8P
   RAD-HARD QUAD 2-INPUT AND GATE
M54HC30 STMICROELECTRONICS-M54HC30_04 Datasheet
115Kb / 8P
   RAD-HARD 8-INPUT NAND GATE
RHFAHC00 STMICROELECTRONICS-RHFAHC00 Datasheet
631Kb / 15P
   Rad-Hard, quad high speed NAND gate
July 2018 Rev 2
M54HC20 STMICROELECTRONICS-M54HC20_04 Datasheet
104Kb / 8P
   RAD-HARD DUAL 4-INPUT NAND GATE
M54HC10 STMICROELECTRONICS-M54HC10_04 Datasheet
104Kb / 8P
   RAD-HARD TRIPLE 3-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com