Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC00 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC00
Description  RAD-HARD QUAD 2-INPUT NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC00 Datasheet(HTML) 6 Page - STMicroelectronics

  M54HC00_04 Datasheet HTML 1Page - STMicroelectronics M54HC00_04 Datasheet HTML 2Page - STMicroelectronics M54HC00_04 Datasheet HTML 3Page - STMicroelectronics M54HC00_04 Datasheet HTML 4Page - STMicroelectronics M54HC00_04 Datasheet HTML 5Page - STMicroelectronics M54HC00_04 Datasheet HTML 6Page - STMicroelectronics M54HC00_04 Datasheet HTML 7Page - STMicroelectronics M54HC00_04 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M54HC00
6/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.1
22.54
0.083
0.100
a1
3.00
3.70
0.118
0.146
a2
0.63
0.88
1.14
0.025
0.035
0.045
B
1.82
2.03
2.39
0.072
0.080
0.094
b
0.40
0.45
0.50
0.016
0.018
0.020
b1
0.20
0.254
0.30
0.008
0.010
0.012
D
18.79
19.00
19.20
0.740
0.748
0.756
e
7.36
7.62
7.87
0.290
0.300
0.310
e1
2.54
0.100
e2
15.11
15.24
15.37
0.595
0.600
0.605
e3
7.62
7.87
8.12
0.300
0.310
0.320
F
7.11
7.75
0.280
0.305
I
3.70
0.146
K
10.90
12.1
0.429
0.476
L
1.14
1.27
1.5
0.045
0.050
0.059
DILC-14 MECHANICAL DATA
0016173H


Similar Part No. - M54HC00_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC00D STMICROELECTRONICS-M54HC00D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00F1R STMICROELECTRONICS-M54HC00F1R Datasheet
234Kb / 9P
   QUAD 2-INPUT NAND GATE
December 1992
M54HC00K STMICROELECTRONICS-M54HC00K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC00_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC132 STMICROELECTRONICS-M54HC132_04 Datasheet
104Kb / 7P
   RAD-HARD QUAD 2-INPUT SCHMITT NAND GATE
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
   Rad-hard plastic quad 2-input NAND gate
August 2021 Rev 4
M54HC03 STMICROELECTRONICS-M54HC03_04 Datasheet
103Kb / 7P
   RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
   RAD-HARD QUAD 2-INPUT OR GATE
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
   RAD-HARD QUAD 2-INPUT NOR GATE
M54HC08 STMICROELECTRONICS-M54HC08_04 Datasheet
104Kb / 8P
   RAD-HARD QUAD 2-INPUT AND GATE
M54HC30 STMICROELECTRONICS-M54HC30_04 Datasheet
115Kb / 8P
   RAD-HARD 8-INPUT NAND GATE
RHFAHC00 STMICROELECTRONICS-RHFAHC00 Datasheet
631Kb / 15P
   Rad-Hard, quad high speed NAND gate
July 2018 Rev 2
M54HC20 STMICROELECTRONICS-M54HC20_04 Datasheet
104Kb / 8P
   RAD-HARD DUAL 4-INPUT NAND GATE
M54HC10 STMICROELECTRONICS-M54HC10_04 Datasheet
104Kb / 8P
   RAD-HARD TRIPLE 3-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com