Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z512BV Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z512BV
Description  3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512BV Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z512BV Datasheet HTML 1Page - STMicroelectronics M48Z512BV Datasheet HTML 2Page - STMicroelectronics M48Z512BV Datasheet HTML 3Page - STMicroelectronics M48Z512BV Datasheet HTML 4Page - STMicroelectronics M48Z512BV Datasheet HTML 5Page - STMicroelectronics M48Z512BV Datasheet HTML 6Page - STMicroelectronics M48Z512BV Datasheet HTML 7Page - STMicroelectronics M48Z512BV Datasheet HTML 8Page - STMicroelectronics M48Z512BV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
August 2008
Rev 1
1/20
1
M48Z512BV
3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER® SRAM
Features
Integrated, ultra-low power SRAM, power-fail
control circuit, and battery
Conventional SRAM operation; unlimited
WRITE cycles
10 years of data retention in the absence of
power
Automatic power-fail chip deselect and WRITE
protection
3.0 to 3.6 V operation
– 2.9 V power-fail deselect
Pin and function compatible with JEDEC
standard 512 K x 8 SRAMs
PMDIP32 is an ECOPACK® package
For 5 V applications, refer to the M48Z512A
Description
The M48Z512BV ZEROPOWER® RAM is a non-
volatile, 4,194,304-bit static RAM organized as
524,288 words by 8 bits. The devices combine an
internal lithium battery, a CMOS SRAM and a
control circuit in a plastic, 32-pin DIP module.
32
1
PMDIP32 (PM) module
www.st.com


Similar Part No. - M48Z512BV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
   4 Mbit 512Kb x8 ZEROPOWER SRAM
March 2000
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512A-7-PM1 STMICROELECTRONICS-M48Z512A-7-PM1 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z512A-7-PM6 STMICROELECTRONICS-M48Z512A-7-PM6 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z512BV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
logo
Texas Instruments
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
Cypress Semiconductor
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
logo
Cypress Semiconductor
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
logo
Texas Instruments
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
   4 Mbit 512Kb x8 ZEROPOWER SRAM
March 2000
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
307Kb / 17P
   5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com