Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z35 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48Z35
Description  256Kbit (32Kbit x 8) ZEROPOWER SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48Z35 Datasheet HTML 6Page - STMicroelectronics M48Z35 Datasheet HTML 7Page - STMicroelectronics M48Z35 Datasheet HTML 8Page - STMicroelectronics M48Z35 Datasheet HTML 9Page - STMicroelectronics M48Z35 Datasheet HTML 10Page - STMicroelectronics M48Z35 Datasheet HTML 11Page - STMicroelectronics M48Z35 Datasheet HTML 12Page - STMicroelectronics M48Z35 Datasheet HTML 13Page - STMicroelectronics M48Z35 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Operating modes
M48Z35, M48Z35Y
10/23
2.2
Write mode
The M48Z35/Y is in the WRITE Mode whenever W and E are low. The start of a WRITE is
referenced from the latter occurring falling edge of W or E. A WRITE is terminated by the
earlier rising edge of W or E. The addresses must be held valid throughout the cycle. E or W
must return high for a minimum of tEHAX from Chip Enable or tWHAX from WRITE Enable
prior to the initiation of another READ or WRITE cycle. Data-in must be valid tDVWH prior to
the end of WRITE and remain valid for tWHDX afterward. G should be kept high during
WRITE cycles to avoid bus contention; although, if the output bus has been activated by a
low on E and G, a low on W will disable the outputs tWLQZ after W falls.
Figure 6.
Write enable controlled, write AC waveforms
Figure 7.
Chip enable controlled, write AC waveforms
AI00926
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A14
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI00927
tAVAV
tEHAX
tDVEH
A0-A14
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tAVWL
tELEH
tEHDX
DATA INPUT


Similar Part No. - M48Z35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
M48Z35-70MH1 STMICROELECTRONICS-M48Z35-70MH1 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35-70MH1 STMICROELECTRONICS-M48Z35-70MH1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
M48Z35-70MH1TR STMICROELECTRONICS-M48Z35-70MH1TR Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
More results

Similar Description - M48Z35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
   5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER짰 SRAM
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com