Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z2M1V-70G Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48Z2M1V-70G
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V-70G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48Z2M1V-70G Datasheet HTML 2Page - STMicroelectronics M48Z2M1V-70G Datasheet HTML 3Page - STMicroelectronics M48Z2M1V-70G Datasheet HTML 4Page - STMicroelectronics M48Z2M1V-70G Datasheet HTML 5Page - STMicroelectronics M48Z2M1V-70G Datasheet HTML 6Page - STMicroelectronics M48Z2M1V-70G Datasheet HTML 7Page - STMicroelectronics M48Z2M1V-70G Datasheet HTML 8Page - STMicroelectronics M48Z2M1V-70G Datasheet HTML 9Page - STMicroelectronics M48Z2M1V-70G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
M48Z2M1Y, M48Z2M1V
6/17
READ Mode
The M48Z2M1Y/V is in the READ Mode whenever
W (WRITE Enable) is high and E (Chip Enable) is
low. The device architecture allows ripple-through
access of data from eight of 16,777,216 locations
in the static storage array. Thus, the unique ad-
dress specified by the 21 Address Inputs defines
which one of the 2,097,152 bytes of data is to be
accessed. Valid data will be available at the Data
I/O pins within Address Access time (tAVQV) after
the last address input signal is stable, providing
that the E (Chip Enable) and G (Output Enable)
access times are also satisfied. If the E and G ac-
cess times are not met, valid data will be available
after the later of Chip Enable Access time (tELQV)
or Output Enable Access Time (tGLQV). The state
of the eight three-state Data I/O signals is con-
trolled by E and G. If the outputs are activated be-
fore tAVQV, the data lines will be driven to an
indeterminate state until tAVQV. If the Address In-
puts are changed while E and G remain low, out-
put data will remain valid for Output Data Hold time
(tAXQX) but will go indeterminate until the next Ad-
dress Access.
Figure 5. Address Controlled, READ Mode AC Waveforms
Note: Chip Enable (E) and Output Enable (G) = Low, WRITE Enable (W) = High.
Figure 6. Chip Enable or Output Enable Controlled, READ Mode AC Waveforms
Note: WRITE Enable (W) = High.
AI02051
tAXQX
DATA VALID
A0-A20
DQ0-DQ7
tAVAV
tAVQV
AI02052
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
DATA OUT
A0-A20
E
G
DQ0-DQ7
VALID


Similar Part No. - M48Z2M1V-70G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z2M1V-70PL1 STMICROELECTRONICS-M48Z2M1V-70PL1 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z2M1V-70G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z2M1 STMICROELECTRONICS-M48Z2M1 Datasheet
102Kb / 12P
   16 Mb 2Mb x 8 ZEROPOWER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
   5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
   5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
   5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com