Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC160 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M54HC160
Description  RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC160 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M54HC160_04 Datasheet HTML 4Page - STMicroelectronics M54HC160_04 Datasheet HTML 5Page - STMicroelectronics M54HC160_04 Datasheet HTML 6Page - STMicroelectronics M54HC160_04 Datasheet HTML 7Page - STMicroelectronics M54HC160_04 Datasheet HTML 8Page - STMicroelectronics M54HC160_04 Datasheet HTML 9Page - STMicroelectronics M54HC160_04 Datasheet HTML 10Page - STMicroelectronics M54HC160_04 Datasheet HTML 11Page - STMicroelectronics M54HC160_04 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
M54HC160
11/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
6.75
6.91
7.06
0.266
0.272
0.278
B
9.76
9.94
10.14
0.384
0.392
0.399
C
1.49
1.95
0.059
0.077
D
0.102
0.127
0.152
0.004
0.005
0.006
E
8.76
8.89
9.01
0.345
0.350
0.355
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
6.0
0.237
L
18.75
22.0
0.738
0.867
M
0.33
0.38
0.43
0.013
0.015
0.017
N
4.31
0.170
FPC-16 MECHANICAL DATA
0016030E
1
8
16
F
G
D
H
A
B
M
C
N
H
9
E
L


Similar Part No. - M54HC160_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC160B1R STMICROELECTRONICS-M54HC160B1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC160C1R STMICROELECTRONICS-M54HC160C1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC160D STMICROELECTRONICS-M54HC160D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC160F1R STMICROELECTRONICS-M54HC160F1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC160M1R STMICROELECTRONICS-M54HC160M1R Datasheet
331Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results

Similar Description - M54HC160_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC161 STMICROELECTRONICS-M54HC161_04 Datasheet
652Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC163 STMICROELECTRONICS-M54HC163_04 Datasheet
643Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com