Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVXYY Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # GVXYY
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

GVXYY Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button GVXYY Datasheet HTML 3Page - Advanced Analogic Technologies GVXYY Datasheet HTML 4Page - Advanced Analogic Technologies GVXYY Datasheet HTML 5Page - Advanced Analogic Technologies GVXYY Datasheet HTML 6Page - Advanced Analogic Technologies GVXYY Datasheet HTML 7Page - Advanced Analogic Technologies GVXYY Datasheet HTML 8Page - Advanced Analogic Technologies GVXYY Datasheet HTML 9Page - Advanced Analogic Technologies GVXYY Datasheet HTML 10Page - Advanced Analogic Technologies GVXYY Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
7
www .analogictech.com
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
7
www .analogictech.com
Typical Characteristics
Unless otherwise noted, VIN = VOUT + 1V, TA = 25°C, COUT = 5.6μF Ceramic, IOUT = 100mA.
Power-Up with 1mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-3
-2
-1
0
1
2
3
4
5
Output
Enable
Turn-On with 1mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-1
0
1
2
3
Output
Enable
Power-Up with 10mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-3
-2
-1
0
1
2
3
4
5
Output
Enable
Turn-On with 10mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-1
0
1
2
3
Output
Enable
Power-Up with 100mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-3
-2
-1
0
1
2
3
4
5
Output
Enable
Turn-On with 100mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-1
0
1
2
3
Output
Enable


Similar Part No. - GVXYY

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
GVX040A0X4-SR-P-HZ LINEAGEPOWER-GVX040A0X4-SR-P-HZ Datasheet
467Kb / 14P
   40A Analog Mega DLynxTM:
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
GVXO-27 GOLLEDGE-GVXO-27 Datasheet
64Kb / 1P
   3.3V & 5V VCXO igh Freq Fundamental
GVXO-27L GOLLEDGE-GVXO-27L Datasheet
64Kb / 1P
   3.3V & 5V VCXO igh Freq Fundamental
GVXO-27L GOLLEDGE-GVXO-27L Datasheet
574Kb / 5P
   High Frequency Fundamental Mode 3.3V VCXO
More results

Similar Description - GVXYY

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com