Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGXYY Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # CGXYY
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

CGXYY Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button CGXYY Datasheet HTML 2Page - Advanced Analogic Technologies CGXYY Datasheet HTML 3Page - Advanced Analogic Technologies CGXYY Datasheet HTML 4Page - Advanced Analogic Technologies CGXYY Datasheet HTML 5Page - Advanced Analogic Technologies CGXYY Datasheet HTML 6Page - Advanced Analogic Technologies CGXYY Datasheet HTML 7Page - Advanced Analogic Technologies CGXYY Datasheet HTML 8Page - Advanced Analogic Technologies CGXYY Datasheet HTML 9Page - Advanced Analogic Technologies CGXYY Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
6
3221.2007.11.1.12
www .analogictech.com
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
6
3221.2007.11.1.12
www .analogictech.com
Typical Characteristics
Unless otherwise noted, VIN = VOUT + 1V, TA = 25°C, COUT = 5.6μF Ceramic, IOUT = 100mA.
Noise Spectrum
-30
-20
-10
0
10
20
30
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
Line Response with 1mA Load
2.6
2.8
3
3.2
3.4
3.6
3.8
-200
0
200
400
600
800
Time (µs)
0
1
2
3
4
5
6
Input
Output
Line Response with 10mA Load
2.6
2.8
3
3.2
3.4
3.6
3.8
-200
0
200
400
600
800
Time (µs)
0
1
2
3
4
5
6
Input
Output
Line Response with 100mA Load
2.6
2.8
3
3.2
3.4
3.6
3.8
-200
0
200
400
600
800
Time (µs)
0
1
2
3
4
5
6
Input
Output
Load Transient - 1mA / 40mA
2
3
4
-1
0
1
2
3
Time (ms)
0
80
160
240
320
Output
Load Transient - 1mA / 80mA
2
3
4
-1
0
1
2
3
Time (ms)
0
80
160
240
320
Output


Similar Part No. - CGXYY

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CGX IRCTT-CGX Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
logo
TT Electronics.
CGX TTELEC-CGX Datasheet
339Kb / 2P
   Precision High-Voltage Thick Film Resistors
CGX-1 TTELEC-CGX-1 Datasheet
339Kb / 2P
   Precision High-Voltage Thick Film Resistors
logo
IRC - a TT electronics ...
CGX-1/2011006F IRCTT-CGX-1/2011006F Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
CGX-1/2011006G IRCTT-CGX-1/2011006G Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
More results

Similar Description - CGXYY

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com