Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3528ICX-2.93-200-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3528ICX-2.93-200-T1
Description  MicroPower??Supervisory Circuit with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3528ICX-2.93-200-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

  AAT3528ICX-2.93-200-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3528ICX-2.93-200-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3528ICX-2.93-200-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3528ICX-2.93-200-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3528ICX-2.93-200-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3528ICX-2.93-200-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3528ICX-2.93-200-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3528ICX-2.93-200-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3528ICX-2.93-200-T1 Datasheet HTML 9Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AAT3526/7/8
MicroPower™ Supervisory Circuit
with Manual Reset
6
3526.2006.03.1.6
Functional Description
General
During start-up, the reset pin on a microprocessor
ensures that it is fully reset and starts up in a known
condition. The AAT3526/7/8 series of microproces-
sor reset devices monitor the supply voltage to a
microprocessor and assert a reset signal whenever
the V
CC voltage falls below a factory-programmed
threshold. This threshold is accurate within ±1.5%
at 25ºC and within ±2.5% over the entire operating
temperature range. The reset signal remains
asserted for a minimum of 150ms after V
CC has
risen above the threshold, as shown in Figure 1.
Functional Block Diagram
Reset
Generator
+ Timer
Oscillator
VCC
GND
RESET
(RESET)
MR
VREF
Figure 1: Reset Timing Diagram.
V
CC
V
TH
V
TH
V
TH
t
RDY
t
RDY


Similar Part No. - AAT3528ICX-2.93-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3528ICX-2.93-200-T1 AAT-AAT3528ICX-2.93-200-T1 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
More results

Similar Description - AAT3528ICX-2.93-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com