Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C21164096LL-70B Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V62C21164096LL-70B
Description  256K x 16, 0.20 um CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C21164096LL-70B Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V62C21164096LL-70B Datasheet HTML 1Page - Mosel Vitelic, Corp V62C21164096LL-70B Datasheet HTML 2Page - Mosel Vitelic, Corp V62C21164096LL-70B Datasheet HTML 3Page - Mosel Vitelic, Corp V62C21164096LL-70B Datasheet HTML 4Page - Mosel Vitelic, Corp V62C21164096LL-70B Datasheet HTML 5Page - Mosel Vitelic, Corp V62C21164096LL-70B Datasheet HTML 6Page - Mosel Vitelic, Corp V62C21164096LL-70B Datasheet HTML 7Page - Mosel Vitelic, Corp V62C21164096LL-70B Datasheet HTML 8Page - Mosel Vitelic, Corp V62C21164096LL-70B Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
V62C21164096 Rev. 1.6 October 2001
MOSEL VITELIC
V62C21164096
Pin Descriptions
A0–A17
Address Inputs
These 18 address inputs select one of the 256K x
16 bit segments in the RAM.
CE1,CE2* Chip Enable Inputs
CE1 is active LOW and CE2 is active HIGH. Both
chip enables must be active to read from or write to
the device. If either chip enable is not active, the
device is deselected and is in a standby power
mode. The I/O pins will be in the high-impedance
state when deselected.
OE
Output Enable Input
The output enable input is active LOW. With chip
enabled, when OE is Low and WE High, data will
be presented on the I/O pins. The I/O pins will be in
the high impedance state when OE is High.
UBE,LBE
Byte Enable
Active low inputs. These inputs are used to enable
the upper or lower data byte.
WE
Write Enable Input
The write enable input is active LOW and controls
read and write operations. With the chip enabled,
when WE is HIGH and OE is LOW, output data will
be present at the I/O pins; when WE is LOW and
OE is HIGH, the data present on the I/O pins will be
written into the selected memory locations.
I/O1–I/O16
Data Input and Data Output Ports
These 16 bidirectional ports are used to read data
from and write data into the RAM.
VCC
Power Supply
GND
Ground
Pin Configurations (Top View)
44-Pin TSOP-II (Standard)
48 BGA
A4
A3
A2
A1
A0
CE
1
I/O1
I/O2
I/O3
I/O4
VCC
GND
I/O5
I/O6
I/O7
I/O8
WE
A15
A14
A13
A12
A16
A5
A6
A7
OE
UBE
LBE
I/O16
I/O15
I/O14
I/O13
GND
VCC
I/O12
I/O11
I/O10
I/O9
NC
A8
A9
A10
A11
A17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A
1
234
56
1
Note: NC means no connect.
23
4
5
6
B
C
D
E
F
G
H
TOP VIEW
TOP VIEW
A
BLE
I/O9
I/O10
B
C
D
E
F
G
H
VSS
VCC
I/O15
I/O16
NC
OE
BHE
I/O11
I/O12
I/O13
I/O14
NC
A8
A0
A3
A5
A17
NC
A14
A12
A9
A1
A4
A6
A7
A16
A15
A13
A10
A2
CE1
I/O2
I/O4
I/O5
I/O6
WE
A11
CE2
I/O1
I/O3
VCC
VSS
I/O7
I/O8
NC
*CE2 is available on BGA package only.


Similar Part No. - V62C21164096LL-70B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-100T MOSEL-V62C2161024L-100T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-55T MOSEL-V62C2161024L-55T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-70T MOSEL-V62C2161024L-70T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-85T MOSEL-V62C2161024L-85T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C21164096LL-70B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2164096 MOSEL-V62C2164096 Datasheet
186Kb / 10P
   256K x 16, 0.17 um CMOS STATIC RAM
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com