Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C160-150M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C160-150M6
Description  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160-150M6 Datasheet(HTML) 1 Page - STMicroelectronics

  M27C160-150M6 Datasheet HTML 1Page - STMicroelectronics M27C160-150M6 Datasheet HTML 2Page - STMicroelectronics M27C160-150M6 Datasheet HTML 3Page - STMicroelectronics M27C160-150M6 Datasheet HTML 4Page - STMicroelectronics M27C160-150M6 Datasheet HTML 5Page - STMicroelectronics M27C160-150M6 Datasheet HTML 6Page - STMicroelectronics M27C160-150M6 Datasheet HTML 7Page - STMicroelectronics M27C160-150M6 Datasheet HTML 8Page - STMicroelectronics M27C160-150M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
April 2006
Rev 5
1/26
1
M27C160
16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
Features
5V ± 10% Supply Voltage in Read Operation
Access Time: 50 ns
Byte-wide or Word-wide Configurable
16 Mbit Mask ROM Replacement
Low Power Consumption
– Active Current: 70 mA at 8 MHz
– Standby Current: 100 µA
Programming Voltage: 12.5V ± 0.25V
Programming Time: 50 µs/word
Electronic Signature
– Manufacturer Code: 20h
– Device Code: B1h
ECOPACK® packages available
44
1
1
42
1
42
1
42
FDIP42W (F)
PDIP42 (B)
SDIP42 (S)
PLCC44 (K)
SO44 (M)
www.st.com


Similar Part No. - M27C160-150M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160-150M6 STMICROELECTRONICS-M27C160-150M6 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27C160-150M6TR STMICROELECTRONICS-M27C160-150M6TR Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
More results

Similar Description - M27C160-150M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
   8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com