Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3238IGU-2.8-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3238IGU-2.8-T1
Description  300mA MicroPowerTM High Performance LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3238IGU-2.8-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3238IGU-2.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 13Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AAT3238
300mA MicroPowerTM High Performance LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3238.2008.05.1.7
11
www .analogictech.com
Ordering Information
Output Voltage
Package
Marking1
Part Number (Tape and Reel)2
1.2V
SOT23-6
KIXYY
AAT3238IGU-1.2-T1
1.5V
SOT23-6
JGXYY
AAT3238IGU-1.5-T1
1.6V
SOT23-6
JSXYY
AAT3238IGU-1.6-T1
1.8V
SOT23-6
JRXYY
AAT3238IGU-1.8-T1
1.85V
SOT23-6
JFXYY
AAT3238IGU-1.85-T1
2.0V
SOT23-6
AAT3238IGU-2.0-T1
2.3V
SOT23-6
AAT3238IGU-2.3-T1
2.5V
SOT23-6
KUXYY
AAT3238IGU-2.5-T1
2.7V
SOT23-6
AAT3238IGU-2.7-T1
2.8V
SOT23-6
AAT3238IGU-2.8-T1
2.85
SOT23-6
QGXYY
AAT3238IGU-2.85-T1
3.0V
SOT23-6
AAT3238IGU-3.0-T1
3.3V
SOT23-6
AAT3238IGU-3.3-T1
3.5V
SOT23-6
AAT3238IGU-3.5-T1
1.2V
SC70JW-8
KIXYY
AAT3238IJS-1.2-T1
1.45V
SC70JW-8
AAT3238IJS-1.45-T1
1.5V
SC70JW-8
JGXYY
AAT3238IJS-1.5-T1
1.8V
SC70JW-8
AAT3238IJS-1.8-T1
2.0V
SC70JW-8
AAT3238IJS-2.0-T1
2.3V
SC70JW-8
AAT3238IJS-2.3-T1
2.5V
SC70JW-8
AAT3238IJS-2.5-T1
2.7V
SC70JW-8
AAT3238IJS-2.7-T1
2.8V
SC70JW-8
FCXYY
AAT3238IJS-2.8-T1
2.85
SC70JW-8
AAT3238IJS-2.85-T1
3.0V
SC70JW-8
VOXYY
AAT3238IJS-3.0-T1
3.3V
SC70JW-8
AAT3238IJS-3.3-T1
3.5V
SC70JW-8
AAT3238IJS-3.5-T1
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means semiconductor
products that are in compliance with current RoHS standards, including the requirement that lead not exceed
0.1% by weight in homogeneous materials. For more information, please visit our website at
http://www.analogictech.com/about/quality.aspx.
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.


Similar Part No. - AAT3238IGU-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238IGU-2.8-T1 ANALOGICTECH-AAT3238IGU-2.8-T1 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
More results

Similar Description - AAT3238IGU-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com