Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3238IGU-2.8-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3238IGU-2.8-T1
Description  300mA MicroPowerTM High Performance LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3238IGU-2.8-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3238IGU-2.8-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3238IGU-2.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AAT3238
300mA MicroPowerTM High Performance LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
2
3238.2008.05.1.7
www .analogictech.com
AAT3238
300mA MicroPowerTM High Performance LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
2
3238.2008.05.1.7
www .analogictech.com
Pin Descriptions
Pin #
Symbol Function
SOT23-6
SC70JW-8
1
5, 6
IN
Input voltage pin; should be decoupled with 1µF or greater capacitor.
2, 5
8
GND
Ground connection pin.
37
EN
Enable pin; this pin should not be left floating. When pulled low, the PMOS pass transistor
turns off and all internal circuitry enters low-power mode, consuming less than 1µA.
4
1
BYP
Bypass capacitor connection; to improve AC ripple rejection, connect a 10nF capacitor to
GND. This will also provide a soft-start function.
6
2, 3, 4
OUT
Output pin; should be decoupled with 2.2µF ceramic capacitor.
Pin Configuration
SOT23-6
SC70JW-8
(Top View)
(Top View)
GND
OUT
GND
BYP
EN
IN
1
2
3
4
5
6
OUT
OUT
OUT
GND
EN
IN
IN
BYP 1
2
3
45
6
7
8


Similar Part No. - AAT3238IGU-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238IGU-2.8-T1 ANALOGICTECH-AAT3238IGU-2.8-T1 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
More results

Similar Description - AAT3238IGU-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com