Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3221IGV-2.7-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3221IGV-2.7-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3221IGV-2.7-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3221IGV-2.7-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3221IGV-2.7-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3221IGV-2.7-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3221IGV-2.7-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3221IGV-2.7-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3221IGV-2.7-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3221IGV-2.7-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3221IGV-2.7-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3221IGV-2.7-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
8
3221.2007.11.1.12
www .analogictech.com
Functional Description
The AAT3221 and AAT3222 are intended for LDO regula-
tor applications where output current load requirements
range from no load to 150mA. The advanced circuit
design of the AAT3221/2 has been optimized for very low
quiescent or ground current consumption, making it
ideal for use in power management systems for small
battery-operated devices. The typical quiescent current
level is just 1.1μA. AAT3221/2 devices also contain an
enable circuit which has been provided to shut down the
LDO regulator for additional power conservation in por-
table products. In the shutdown state, the LDO draws
less than 1μA from input supply.
The LDO also demonstrates excellent power supply rip-
ple rejection (PSRR) and load and line transient response
characteristics. The AAT3221/2 high performance LDO
regulator is especially well suited for circuit applications
that are sensitive to load circuit power consumption and
extended battery life.
The LDO regulator output has been specifically optimized
to function with low-cost, low-ESR ceramic capacitors.
However, the design will allow for operation with a wide
range of capacitor types.
The AAT3221/2 has complete short-circuit and thermal
protection. The integral combination of these two inter-
nal protection circuits gives the AAT3221/2 a compre-
hensive safety system to guard against extreme adverse
operating conditions. Device power dissipation is limited
to the package type and thermal dissipation properties.
Refer to the Thermal Considerations section of this docu-
ment for details on device operation at maximum output
load levels.
Functional Block Diagram
Over-Current
Protection
Over-Temperature
Protection
VREF
IN
EN
OUT
GND


Similar Part No. - AAT3221IGV-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3221IGV-2.7-T1 AAT-AAT3221IGV-2.7-T1 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3221IGV-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com