Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3200IQY-1.8-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3200IQY-1.8-T1
Description  OmniPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3200IQY-1.8-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3200IQY-1.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3200IQY-1.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3200IQY-1.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3200IQY-1.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3200IQY-1.8-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3200IQY-1.8-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3200IQY-1.8-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3200IQY-1.8-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3200IQY-1.8-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT3200
OmniPower™ LDO Linear Regulator
10
3200.2006.02.1.4
resistance, internal connections, capacitor size and
area, material composition, and ambient tempera-
ture. Typically, capacitor ESR is measured in mil-
liohms for ceramic capacitors and can range to
more than several ohms for tantalum or aluminum
electrolytic capacitors.
Ceramic Capacitor Materials: Ceramic capacitors
less than 0.1µF are typically made from NPO or C0G
materials. NPO and C0G materials generally have
tight tolerance and are very stable over temperature.
Larger capacitor values are usually composed of
X7R, X5R, Z5U, or Y5V dielectric materials. Large
ceramic capacitors (i.e., greater than 2.2µF) are
often available in low-cost Y5V and Z5U dielectrics.
These two material types are not recommended for
use with LDO regulators since the capacitor toler-
ance can vary by more than ±50% over the operat-
ing temperature range of the device. A 2.2µF Y5V
capacitor could be reduced to 1µF over the full oper-
ating temperature range. This can cause problems
for circuit operation and stability.
X7R and X5R
dielectrics are much more desirable. The tempera-
ture tolerance of X7R dielectric is better than ±15%.
Capacitor area is another contributor to ESR.
Capacitors that are physically large in size will have
a lower ESR when compared to a smaller sized
capacitor of equivalent material and capacitance
value. These larger devices can also improve cir-
cuit transient response when compared to an equal
value capacitor in a smaller package size.
Consult capacitor vendor datasheets carefully when
selecting capacitors for use with LDO regulators.
Short-Circuit and Thermal Protection
The AAT3200 is protected by both current limit and
over-temperature protection circuitry. The internal
short-circuit current limit is designed to activate
when the output load demand exceeds the maxi-
mum rated output. If a short-circuit condition were
to continually draw more than the current limit
threshold, the LDO regulator output voltage would
drop to a level necessary to supply the current
demanded by the load. Under short-circuit or other
over-current operating conditions, the output volt-
age would drop and the AAT3200 die temperature
would increase rapidly. Once the regulator's power
dissipation capacity has been exceeded and the
internal die temperature reaches approximately
140°C, the system thermal protection circuit will
become active. The internal thermal protection cir-
cuit will actively turn off the LDO regulator output
pass device to prevent the possibility of over-tem-
perature damage. The LDO regulator output will
remain in a shutdown state until the internal die
temperature falls back below the 140°C trip point.
The combination and interaction between the short-
circuit and thermal protection systems allows the
LDO regulator to withstand indefinite short-circuit
conditions without sustaining permanent damage.
No-Load Stability
The AAT3200 is designed to maintain output volt-
age regulation and stability under operational no-
load conditions. This is an important characteristic
for applications where the output current may drop
to zero. An output capacitor is required for stability
under no-load operating conditions. Refer to the
Output Capacitor section of this datasheet for rec-
ommended typical output capacitor values.
Thermal Considerations and High
Output Current Applications
The AAT3200 is designed to deliver a continuous
output load current of 150mA for an SC59 package
or 250mA for a SOT-89 package under normal
operating conditions. The limiting characteristic for
the maximum output load safe operating area is
essentially package power dissipation and the
internal preset thermal limit of the device. In order
to obtain high operating currents, careful device
layout and circuit operating conditions need to be
taken into account. The following discussions will
assume the LDO regulator is mounted on a printed
circuit board utilizing the minimum recommended
footprint and the printed circuit board is 0.062-inch
thick FR4 material with one ounce copper.


Similar Part No. - AAT3200IQY-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3200IQY-1.8-T1 ANALOGICTECH-AAT3200IQY-1.8-T1 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200IQY-1.8-T1 AAT-AAT3200IQY-1.8-T1 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results

Similar Description - AAT3200IQY-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3200 ANALOGICTECH-AAT3200 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com