Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3221IGV-2.4-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3221IGV-2.4-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3221IGV-2.4-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3221IGV-2.4-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
11
www .analogictech.com
maximum conditions are calculated at the maximum
operating temperature where TA = 85°C, under normal
ambient conditions TA = 25°C. Given TA = 85°C, the
maximum package power dissipation is 267mW. At TA =
25°C, the maximum package power dissipation is
667mW.
The maximum continuous output current for the
AAT3221/2 is a function of the package power dissipa-
tion and the input-to-output voltage drop across the
LDO regulator. Refer to the following simple equation:
IOUT(MAX) =
PD(MAX)
(VIN - VOUT)
For example, if VIN = 5V, VOUT = 2.5V and TA = 25°C,
IOUT(MAX) < 267mA. The output short-circuit protection
threshold is set between 150mA and 300mA. If the out-
put load current were to exceed 267mA or if the ambient
temperature were to increase, the internal die tempera-
ture would increase. If the condition remained constant
and the short-circuit protection did not activate, there
would be a potential damage hazard to the LDO regula-
tor since the thermal protection circuit would only acti-
vate after a short-circuit event occured on the LDO
regulator output.
To determine the maximum input voltage for a given
load current, refer to the following equation. This calcu-
lation accounts for the total power dissipation of the LDO
regulator, including that caused by ground current.
PD(MAX) = (VIN - VOUT)IOUT + (VIN · IGND)
This formula can be solved for VIN to determine the
maximum input voltage.
VIN(MAX) =
(PD(MAX) + [VOUT · IOUT])
(IOUT + IGND)
The following is an example for an AAT3221/2 set for a
2.5 volt output:
VOUT = 2.5 volts
IOUT = 150mA
IGND = 1.1μA
VIN(MAX) =
VIN(MAX) = 6.95V
(667mW + [2.5V · 150mA])
(150mA + 1.1µA)
From the discussion above, PD(MAX) was determined to
equal 667mW at TA = 25°C. Thus, the AAT3221/2 can
sustain a constant 2.5V output at a 150mA load current
as long as VIN is ≤6.95V at an ambient temperature of
25°C. 5.5V is the maximum input operating voltage for
the AAT3221/2, thus at 25°C the device would not have
any thermal concerns or operational VIN(MAX) limits.
This situation can be different at 85°C. The following is
an example for an AAT3221/2 set for a 2.5 volt output
at 85°C:
VOUT = 2.5 volts
IOUT = 150mA
IGND = 1.1μA
VIN(MAX) =
VIN(MAX) = 4.28V
(267mW + [2.5V · 150mA])
(150mA + 1.1µA)
From the discussion above, PD(MAX) was determined to
equal 267mW at TA = 85°C.
Higher input-to-output voltage differentials can be
obtained with the AAT3221/2, while maintaining device
functions in the thermal safe operating area. To accom-
plish this, the device thermal resistance must be reduced
by increasing the heat sink area or by operating the LDO
regulator in a duty-cycled mode.
For example, an application requires VIN = 5.0V while
VOUT = 2.5V at a 150mA load and TA = 85°C. VIN is
greater than 4.28V, which is the maximum safe continu-
ous input level for VOUT = 2.5V at 150mA for TA = 85°C.
To maintain this high input voltage and output current
level, the LDO regulator must be operated in a duty-
cycled mode. Refer to the following calculation for duty-
cycle operation:
IGND = 1.1μA
IOUT = 150mA
VIN = 5.0 volts
VOUT = 2.5 volts
%DC = 100
PD(MAX)
([VIN - VOUT]IOUT + [VIN · IGND])
%DC = 100
%DC = 71.2%
267mW
([5.0V - 2.5V]150mA + [5.0V · 1.1µA])
PD(MAX) is assumed to be 267mW.


Similar Part No. - AAT3221IGV-2.4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3221IGV-2.4-T1 AAT-AAT3221IGV-2.4-T1 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3221IGV-2.4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com