Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3221IGV-2.4-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3221IGV-2.4-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3221IGV-2.4-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3221IGV-2.4-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3221IGV-2.4-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
3
www .analogictech.com
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
3221.2007.11.1.12
3
www .analogictech.com
Absolute Maximum Ratings1
TA = 25°C, unless otherwise noted.
Symbol
Description
Value
Units
VIN
Input Voltage, <30ms, 10% DC (continuous max = 6.0V)
-0.3 to 7
V
VEN
EN (EN) to GND Voltage
-0.3 to 6
V
VENIN(MAX)
Maximum EN (EN) to Input Voltage
0.3
V
IOUT
Maximum DC Output Current
PD/(VIN-VO)mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
Thermal Information2
Symbol
Description
Value
Units
ΘJA
Thermal Resistance
150
°C/W
PD
Power Dissipation
667
mW
Recommended Operating Conditions
Symbol
Description
Rating
Units
VIN
Input Voltage3
(VOUT + VDO) to 5.5
V
T
Ambient Temperature Range
-40 to +85
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a demo board.
3. To calculate minimum input voltage, use the following equation: VIN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN ≥ 2.5V.


Similar Part No. - AAT3221IGV-2.4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3221IGV-2.4-T1 AAT-AAT3221IGV-2.4-T1 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3221IGV-2.4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com