Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3242 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3242
Description  300mA/150mA Dual CMOS LDO Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3242 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3242_08 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3242_08 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3242_08 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3242_08 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3242_08 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3242_08 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3242_08 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3242_08 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3242_08 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
6
3242.2008.08.1.11
www .analogictech.com
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
6
3242.2008.08.1.11
www .analogictech.com
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Dropout Voltage vs. Temperature
0
60
120
180
240
300
360
420
480
540
-40 -30 -20 -10 0
10 2030405060708090 100 110 120
Temperature (
°C)
IL = 300mA
IL = 150mA
IL = 100mA
IL = 50mA
Dropout Characteristics
2.00
2.20
2.40
2.60
2.80
3.00
3.20
2.70
2.80
2.90
3.00
3.10
3.20
3.30
Input Voltage (V)
IOUT = 300mA
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
IOUT = 0mA
Dropout Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
Output Current (mA)
85
°C
25
°C
-40
°C
Ground Current vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
2
2.5
3
3.5
4.5
4
Input Voltage (V)
IOUT = 0mA
IOUT = 10mA
IOUT = 50mA
IOUT = 150mA
IOUT = 300mA
Quiescent Current vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
-40 -30 -20 -10
0
10 20 30 40 50 60 70
80 90 100 110 120
Temperature (
°C)
Output Voltage vs. Temperature
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
-40 -30 -20 -10
0
10 20
30
40
50 60
70 80
90 100
Temperature (
°C)


Similar Part No. - AAT3242_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242ITP-IG-T1 ANALOGICTECH-AAT3242ITP-IG-T1 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242ITP-IG-T1 AAT-AAT3242ITP-IG-T1 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242ITP-IN-T1 AAT-AAT3242ITP-IN-T1 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242ITP-IP-T1 AAT-AAT3242ITP-IP-T1 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242ITP-IQ-T1 AAT-AAT3242ITP-IQ-T1 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results

Similar Description - AAT3242_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com