Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3192IJQ-4-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3192IJQ-4-T1
Description  2-Channel Charge-Pump LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3192IJQ-4-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3192IJQ-4-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3192IJQ-4-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3192IJQ-4-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3192IJQ-4-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3192IJQ-4-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3192IJQ-4-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3192IJQ-4-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3192IJQ-4-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3192IJQ-4-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AAT3192
2-Channel Charge-Pump LED Driver
ChargePumpTM
PRODUCT DATASHEET
3192.2008.07.1.3
9
www .analogictech.com
AAT3192
2-Channel Charge-Pump LED Driver
ChargePumpTM
PRODUCT DATASHEET
3192.2008.07.1.3
9
www .analogictech.com
Functional Description
The AAT3192 is a low-cost charge-pump solution designed
to drive up to two white LEDs. The charge pump oper-
ates from a 2.7V to 5.5V power source and converts it to
voltage levels necessary to drive the LEDs. LED current
is individually controlled through integrated current sinks
powered from the output of the charge pump. Low 1x
charge-pump output resistance and low-drop voltage
current sinks allow the charge pump to stay in 1x mode
with an input voltage as low as 3.75V and LED forward
voltages as high as 3.5V. Once in 2x mode, the charge
pump monitors the input supply voltage and automati-
cally switches back to 1x mode when there is sufficient
input voltage.
The AAT3192 requires only four external components:
one 1μF ceramic capacitor for the charge pump flying
capacitors (CP), one 1μF ceramic input capacitor (CIN),
one 1μF ceramic output capacitor (COUT) and a resistor
(RSET) to set the maximum LED current. The AAT3192
can drive two constant output sinks (D1 and D2) with up
to 30mA maximum current each. AnalogicTech’s S2Cwire
serial interface enables the AAT3192-1/-2/-3 and chang-
es the current sink magnitudes through the EN/SET pin.
The AAT3192-4 uses an external PWM signal to enable
the IC and control the brightness of the LEDs.
Constant Current Control using RSET
The maximum current is programmed by an external
resistor at the RSET pin. Using a 14.3kΩ external resis-
tor at the RSET pin, the AAT3192-1/-2/-4 includes an
integrated serial LED current control that sets the full-
scale LED current between 20mA and 0.63mA. For the
AAT3192-3, a 11.5kΩ external resistor at the RSET pin
sets the full-scale LED current between 20mA and
1.3mA. The full-scale LED current can set higher or lower
than 20mA; see Table 5. For maximum accuracy, a 1%
tolerance resistor is recommended.
Functional Block Diagram
C-
C+
OUT
GND
IN
D2
D1
S2Cwire Control
(PWM Control)
DAC
EN/SET
(EN/PWM)
RSET
Two-Mode
CP Control
VF Monitoring
2
IREF


Similar Part No. - AAT3192IJQ-4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3192IJQ-4 ANALOGICTECH-AAT3192IJQ-4 Datasheet
736Kb / 17P
   Low-Cost, 2-/3-Channel Charge-Pump LED Drivers
More results

Similar Description - AAT3192IJQ-4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
   3-Channel Charge-Pump LED Driver
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com