Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3192IJQ-2-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3192IJQ-2-T1
Description  2-Channel Charge-Pump LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3192IJQ-2-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3192IJQ-2-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3192IJQ-2-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3192IJQ-2-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3192IJQ-2-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3192IJQ-2-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3192IJQ-2-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3192IJQ-2-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3192IJQ-2-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3192IJQ-2-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AAT3192
2-Channel Charge-Pump LED Driver
ChargePumpTM
PRODUCT DATASHEET
3192.2008.07.1.3
1
www .analogictech.com
General Description
The AAT3192 is a charge-pump based, current-sink
white LED driver capable of driving one or two LEDs up
to 30mA, each. It automatically switches between 1x
mode and 2x mode to maintain the highest efficiency
and optimal LED current accuracy and matching.
The AAT3192 charge pump’s 1x mode (bypass mode)
has very low resistance allowing LED current regulation
to be maintained with input supply voltage approaching
the LED forward voltage.
The AAT3192 is available in the 2x2mm, 10-lead SC70JW-
10 package.
Features
• Drives up to 2 LEDs at up to 30mA, each
• Automatic Switching Between 1x and 2x Modes
• 0.9MHz Switching Frequency
• Linear LED Output Current Control
Single-wire, S2Cwire Interface
• AAT3192-1: 16-step
• AAT3192-2: 8-step
• AAT3192-3: 4-step
ON/OFF or PWM Interface
• AAT3192-4
• ±10% LED Output Current Accuracy
• ±3% LED Output Current Matching
• Low-Current Shutdown Mode
• Built-in Thermal Protection
• Automatic Soft-Start
• Available in 2x2mm SC70JW-10 Package
Applications
• Entry Level Cordless Phone Handsets
• Entry Level Digital Cameras
• Entry Level Mobile Phone Handsets
• Entry Level MP3 and PMP Players
Typical Application
Input Voltage
2.7V to 5.5V
IN
C+
C-
EN/SET
OUT
D1
D2
RSET
RSET
14.3k
Ω
EN/SET
S2Cwire
Interface
CIN
1μF
CP
1μF
COUT
1μF
GND
AAT3192-1
WLEDs
OSRAM LW M 678
or equivalent


Similar Part No. - AAT3192IJQ-2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3192IJQ-2 ANALOGICTECH-AAT3192IJQ-2 Datasheet
736Kb / 17P
   Low-Cost, 2-/3-Channel Charge-Pump LED Drivers
More results

Similar Description - AAT3192IJQ-2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
   3-Channel Charge-Pump LED Driver
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com