Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3190IKS-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3190IKS-T1
Description  Positive/Negative Charge Pump for Voltage Bias
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3190IKS-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3190IKS-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics
V
IN = 5.0V, CREF = 0.1µF, TA = -40°C to +85°C. Unless otherwise noted, typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
V
IN
Input Supply Range
2.7
5.5
V
UVLO
Input Under-Voltage Threshold
V
IN Rising
1.8
V
V
IN Falling, 40mV Hysteresis (typ)
1.6
I
IN
Input Quiescent Supply Current
V
FBP = 1.5V, VFBN = -0.2V,
400
800
µA
No Load on DRVN and DRVP
I
SD
Shutdown Supply Current
V
EN = 0V
0.1
1.0
µA
F
OSC
Operating Frequency
0.8
1.0
1.2
MHz
Negative Low-Power Charge Pump
V
FBN
FBN Regulation Voltage
-100
0
+100
mV
I
FBN
FBN Input Bias Current
V
FBN = -50mV
-100
+100
nA
R
DSNCHN
DRVN NCH On-Resistance
1.5
5.0
R
DSPCHMIN
MIN DRVN PCH On-Resistance
V
FBN = 100mV, VIN = 4V
1.0
5.0
R
DSPCHMAX
MAX DRVN PCH On-Resistance V
FBN = -100mV, VIN = 4V
20
k
Positive Low-Power Charge Pump
V
FBP
FBP Regulation Voltage
1.15
1.2
1.25
V
I
FBP
FBP Input Bias Current
V
FBP = 1.5V
-60
+100
nA
R
DSPCHP
DRVP PCH On-Resistance
1.0
5.0
R
DSNCHMIN
MIN DRVP NCH On-Resistance
V
FBP = 1.15V, VIN = 4V
3
15
R
DSNCHMIN
MAX DRVP NCH On-Resistance V
FBP = 1.25V, VIN = 4V
20
k
Reference
Reference Voltage
-2.0µA < I
REF < 50µA
1.18
1.2
1.22
V
V
REF
Reference Under-Voltage
V
REF Rising
0.8
V
Threshold
Logic Signals
V
IL
Input Low Voltage
0.5
V
V
IH
Input High Voltage
1.5
V
I
IL
Enable Input Low Current
V
IN = 5.0V, FBP = 1.5V, FBN = -0.2V
1
µA
I
IH
Enable Input High Current
V
IN = 5.0V, FBP = 1.5V, FBN = -0.2V
1
µA
Thermal Limit
T
SD
Over-Temperature Shutdown
140
°C
Threshold
T
HYST
Over-Temperature Shutdown
15
°C
Hysteresis
AAT3190
Positive/Negative Charge Pump for Voltage Bias
4
3190.2006.01.1.2


Similar Part No. - AAT3190IKS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3190IKS-T1 ANALOGICTECH-AAT3190IKS-T1 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analog Technol...
AAT3190IKS-T1 AAT-AAT3190IKS-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
More results

Similar Description - AAT3190IKS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
   Positive charge pump controller
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com