Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND5050AKTR-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VND5050AKTR-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050AKTR-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VND5050AKTR-E Datasheet HTML 2Page - STMicroelectronics VND5050AKTR-E Datasheet HTML 3Page - STMicroelectronics VND5050AKTR-E Datasheet HTML 4Page - STMicroelectronics VND5050AKTR-E Datasheet HTML 5Page - STMicroelectronics VND5050AKTR-E Datasheet HTML 6Page - STMicroelectronics VND5050AKTR-E Datasheet HTML 7Page - STMicroelectronics VND5050AKTR-E Datasheet HTML 8Page - STMicroelectronics VND5050AKTR-E Datasheet HTML 9Page - STMicroelectronics VND5050AKTR-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Block diagram and pin description
VND5050AJ-E / VND5050AK-E
6/38
Figure 2.
Configuration diagram (top view)
Table 2.
Suggested connections for unused and N.C. pins
Connection / pin
Current Sense
N.C.
Output
Input
CS_DIS
Floating
N.R.(1)
XX
X
X
To ground
Through 1K
resistor
XN.R.(1)
1.
Not recommended.
Through 10K
resistor
Through 10K
resistor
PowerSSO-12
TAB = Vcc
Vcc
OUTPUT2
OUTPUT1
OUTPUT1
Vcc
OUTPUT2
12
11
10
9
8
7
1
2
3
4
5
6
CS_DIS
GND
INPUT1
CURRENT SENSE1
INPUT2
CURRENT SENSE2
N.C.
INPUT1
GND
VCC
N.C.
INPUT2
CS_DIS.
VCC
CURRENT SENSE1
N.C.
N.C.
CURRENT SENSE2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
PowerSSO-24
TAB = VCC


Similar Part No. - VND5050AKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050AKTR-E STMICROELECTRONICS-VND5050AKTR-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5050AKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com