Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3123ITP-20-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3123ITP-20-T1
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3123ITP-20-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3123ITP-20-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3123ITP-20-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3123ITP-20-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3123ITP-20-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3123ITP-20-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3123ITP-20-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3123ITP-20-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3123ITP-20-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3123ITP-20-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AAT3123/23A/24
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
ChargePumpTM
PRODUCT DATASHEET
6
3123.2008.03.1.5
www .analogictech.com
AAT3123/23A/24
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
ChargePumpTM
PRODUCT DATASHEET
6
3123.2008.03.1.5
www .analogictech.com
Typical Characteristics
Unless otherwise noted, VIN = 3.5V, CIN = COUT = C1 = C2 = 1μF, TA = 25°C.
Turn-On to Full-Scale Charge Pump
Time (50µs/div)
EN/SET
(1V/div)
OUT
(2V/div)
VDIODE
(1V/div)
IIN
(200mA/div)
Turn-On to Full-Scale Load Switch
Time (50µs/div)
EN/SET
(1V/div)
OUT
(2V/div)
VDIODE
(2V/div)
IIN
(100mA/div)
Charge Pump to Load Switch
(80mA)
Time (50µs/div)
VIN
(10mV/div)
OUT
(2V/div)
VDIODE
(2V/div)
IIN
(100mA/div)
Load Switch to Charge Pump
(80mA)
Time (50µs/div)
VIN
(20mV/div)
OUT
(1V/div)
VDIODE
(1V/div)
IIN
(200mV/div)
Turn-Off
Time (200µs/div)
EN/SET
(1V/div)
VDIODE
(2V/div)
IIN
(100mA/div)
80mA Load Characteristics
Time (1µs/div)
VIN
OUT
VDIODE


Similar Part No. - AAT3123ITP-20-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3123ITP-20-T1 ETC-AAT3123ITP-20-T1 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123ITP-20-T1 ANALOGICTECH-AAT3123ITP-20-T1 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3123ITP-20-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3134 ETC-AAT3134 Datasheet
330Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131_08 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com