Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4Z32-BR00SH1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M4Z32-BR00SH1
Description  5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z32-BR00SH1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M4Z32-BR00SH1 Datasheet HTML 7Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 8Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 9Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 10Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 11Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 12Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 13Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 14Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
M40Z300, M40Z300W
Operation
11/25
battery capacity for the SNAPHAT® of your choice can then be divided by this current to
determine the amount of data retention available (see Table 13 on page 23).
Caution:
Take care to avoid inadvertent discharge through VOUT and E1CON - E4CON after battery has
been attached.
For a further more detailed review of lifetime calculations, please see Application Note
AN1012.
2.3
Power-on reset output
All microprocessors have a reset input which forces them to a known state when starting.
The M40Z300/W has a reset output (RST) pin which is guaranteed to be low within tWPT of
VPFD (see Table 7). This signal is an open drain configuration. An appropriate pull-up
resistor should be chosen to control the rise time. This signal will be valid for all voltage
conditions, even when VCC equals VSS.
Once VCC exceeds the power failure detect voltage VPFD, an internal timer keeps RST low
for tREC to allow the power supply to stabilize.
2.4
Battery low pin
The M40Z300/W automatically performs battery voltage monitoring upon power-up, and at
factory-programmed time intervals of at least 24 hours. The Battery Low (BL) pin will be
asserted if the battery voltage is found to be less than approximately 2.5V. The BL pin will
remain asserted until completion of battery replacement and subsequent battery low
monitoring tests, either during the next power-up sequence or the next scheduled 24-hour
interval.
If a battery low is generated during a power-up sequence, this indicates that the battery is
below 2.5V and may not be able to maintain data integrity in the SRAM. Data should be
considered suspect, and verified as correct. A fresh battery should be installed.
If a battery low indication is generated during the 24-hour interval check, this indicates that
the battery is near end of life. However, data is not compromised due to the fact that a
nominal VCC is supplied. In order to insure data integrity during subsequent periods of
battery back-up mode, the battery should be replaced. The SNAPHAT® top should be
replaced with valid VCC applied to the device.
The M40Z300/W only monitors the battery when a nominal VCC is applied to the device.
Thus appli-cations which require extensive durations in the battery back-up mode should be
powered-up periodically (at least once every few months) in order for this technique to be
beneficial. Additionally, if a battery low is indicated, data integrity should be verified upon
power-up via a checksum or other technique. The BL pin is an open drain output and an
appropriate pull-up resistor to VCC should be chosen to control the rise time.
2.5
VCC noise and negative going transients
ICC transients, including those produced by output switching, can produce voltage
fluctuations, resulting in spikes on the VCC bus. These transients can be reduced if
capacitors are used to store energy which stabilizes the VCC bus. The energy stored in the
bypass capacitors will be released as low going spikes are generated or energy will be


Similar Part No. - M4Z32-BR00SH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
163Kb / 12P
   ZEROPOWER SNAPHAT (BATTERY)
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
More results

Similar Description - M4Z32-BR00SH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com