Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3119IJS-5.0-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3119IJS-5.0-T1
Description  High Efficiency 2X Charge Pump
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3119IJS-5.0-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3119IJS-5.0-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3119IJS-5.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3119IJS-5.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3119IJS-5.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3119IJS-5.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3119IJS-5.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3119IJS-5.0-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3119IJS-5.0-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3119IJS-5.0-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AAT3119
High Efficiency 2X Charge Pump
8
3119.2007.02.1.2
Typical Characteristics _ AAT3119-4.5V
Startup
Time (100
μs/div)
VOUT
(1V/div)
ENABLE
(1V/div)
ILOAD = 100mA @ VIN = 3.0V
ILOAD = 150mA @ VIN = 3.3V
ILOAD = 150mA @ VIN = 3.3V
Maximum Current Pulse vs. Supply Voltage
Supply Voltage (V)
0
100
200
300
400
500
600
3.0
3.2
3.4
3.6
3.8
4.0
4.2
One-shot pulse duration = 250ms
VOUT> 4.0V
Output Ripple Voltage
(IOUT = 100mA @ VIN = 3.5V)
VIN
(10mV/div)
VOUT
(20mV/div)
IIN
(10mA/div)
Time (1
μs/div)
Output Ripple Voltage
(IOUT = 50mA @ VIN = 3.5V)
VIN
(10mV/div)
VOUT
(10mV/div)
IIN
(10mA/div)
Time (1
μs/div)
Load Response
(100mA Load)
VOUT
(10mV/div)
IOUT
(50mA/div)
Time (5ms/div)
VIN = 3.5V
Load Response
(50mA Load)
VOUT
(10mV/div)
IOUT
(20mA/div)
Time (5ms/div)
VIN = 3.5V


Similar Part No. - AAT3119IJS-5.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119IJS-5.0-T1 ANALOGICTECH-AAT3119IJS-5.0-T1 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
More results

Similar Description - AAT3119IJS-5.0-T1

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com