Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3113 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3113
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3113 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3113 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3113 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3113 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3113 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3113 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3113 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3113 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3113 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3113 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AAT3113,AAT3114/14A
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
ChargePumpTM
PRODUCT DATASHEET
2
3113.2008.05.1.10
www .analogictech.com
AAT3113,AAT3114/14A
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
ChargePumpTM
PRODUCT DATASHEET
2
3113.2008.05.1.10
www .analogictech.com
Pin Descriptions
Pin Number
Symbol
Function
AAT3114/14A
AAT3113
1
7
D2
Current source output 2. If not used, leave pin floating.
2
6
D3
Current source output 3. If not used, leave pin floating.
3
5
D4
Current source output 4. If not used, leave pin floating.
4
N/A
D5
Current source output 5. If not used, leave pin floating.
5
N/A
D6
Current source output 6. If not used, leave pin floating.
6
4
C1+
Flying capacitor 1 positive terminal.
7
3
C1-
Flying capacitor 1 negative terminal.
8
N/A
NC
No connect.
9
2
OUT
Charge pump output. Requires 1µF bypass capacitor to ground.
10
1
C2+
Flying capacitor 2 positive terminal.
11
12
C2-
Flying capacitor 2 negative terminal.
12
11
GND
Ground.
13
N/A
NC
No connect.
14
10
VIN
Input power supply. Requires 1µF bypass capacitor to ground.
15
9
EN/SET
Control pin using S2Cwire serial interface.
16
8
D1
Current source output 1. Required reference current source. Do not leave pin
floating.
EP
Exposed paddle (bottom); connect to GND directly beneath package.
Pin Configuration
TSOPJW-12
QFN44-16
(Top View)
(Top View)
AAT3113
AAT3114/14A
1
2
3
4
5
6
12
11
10
9
8
7
C2+
OUT
C1-
C1+
D4
D3
C2-
GND
VIN
EN/SET
D1
D2
1
2
3
4
12
11
10
9
D2
D3
D4
D5
OUT
C2+
C2-
GND


Similar Part No. - AAT3113

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113 Datasheet
232Kb / 14P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analog Technol...
AAT3113 AAT-AAT3113 Datasheet
330Kb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analogic Techn...
AAT3113ISN-20-T1 ANALOGICTECH-AAT3113ISN-20-T1 Datasheet
232Kb / 14P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
AAT3113ITP-20-T1 ANALOGICTECH-AAT3113ITP-20-T1 Datasheet
232Kb / 14P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analog Technol...
AAT3113ITP-20-T1 AAT-AAT3113ITP-20-T1 Datasheet
330Kb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
More results

Similar Description - AAT3113

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3113 AAT-AAT3113 Datasheet
330Kb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113 Datasheet
232Kb / 14P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump for White LED Applications
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
logo
Maxim Integrated Produc...
MAX1913 MAXIM-MAX1913 Datasheet
275Kb / 11P
   60mA 1.5x High-Efficiency White LED Charge Pumps
Rev 0; 1/02
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Maxim Integrated Produc...
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com