Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6933H12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6933H12
Description  High performance 2A ULDO linear regulator with Soft Start
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6933H12 Datasheet(HTML) 4 Page - STMicroelectronics

  L6933H12 Datasheet HTML 1Page - STMicroelectronics L6933H12 Datasheet HTML 2Page - STMicroelectronics L6933H12 Datasheet HTML 3Page - STMicroelectronics L6933H12 Datasheet HTML 4Page - STMicroelectronics L6933H12 Datasheet HTML 5Page - STMicroelectronics L6933H12 Datasheet HTML 6Page - STMicroelectronics L6933H12 Datasheet HTML 7Page - STMicroelectronics L6933H12 Datasheet HTML 8Page - STMicroelectronics L6933H12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maximum ratings
L6933H1.2
4/12
2
Maximum ratings
2.1
Absolute maximum ratings
2.2
Thermal data
3
Block diagram
Figure 3.
Block diagram
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
VIN and PGood
14.5
V
SS/INH, OUT and ADJ
-0.3 to (Vin +0.3)
V
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum thermal resistance junction-ambient
34 (1)
1.
Package mounted on board
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-65 to 150
°C


Similar Part No. - L6933H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Similar Description - L6933H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
ON Semiconductor
NCP631 ONSEMI-NCP631 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com