Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2860-1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT2860-1
Description  Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2860-1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT2860-1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2860-1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2860-1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2860-1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2860-1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2860-1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2860-1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2860-1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2860-1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AAT2860
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
ChargePump
TM
PRODUCT DATASHEET
2860.2008.05.1.0
9
www .analogictech.com
AAT2860
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
ChargePump
TM
PRODUCT DATASHEET
2860.2008.05.1.0
9
www .analogictech.com
Typical Characteristics
Operating Characteristic
(30mA/Channel Backlight; 2x Mode; VIN = 3.2V; COUT = 2.2µF)
Time (500ns/div)
0
10
20
-20
-10
0
10
20
LDOs A/B/C Load Regulation
(VIN = 3.6V)
Load Current (mA)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0.1
1
10
100
1000
VLDO = 3.0V
VLDO = 1.5V
LDO Output Voltage vs Temperature
(VIN = 3.6V; ILDO = 0mA)
Temperature (°C)
-1.5
-1
-0.5
0
0.5
1
1.5
-40
-15
60
85
35
10
VLDO = 3.0V
VLDO = 1.5V
LDOs A/B/C Line Regulation
(ILDO = 10mA)
Input Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.7
4.3
5.1
5.5
4.7
3.9
3.5
3.1
VLDO = 3.0V
VLDO = 1.5V
LDOs A/B/C Load Transient Response
(ILDO = 10mA to 200mA; VIN = 3.6V; VLDO = 1.8V; CLDO = 2.2µF)
Time (20µs/div)
0
100
200
1.60
1.70
1.80
1.90
2.00
LDOs A/B/C Line Transient Response
(VIN = 3.6V to 4.2V; ILDO = 10mA; VLDO = 1.8V; CLDO = 2.2µF)
Time (1ms/div)
3.6
4.0
4.4
1.78
1.79
1.80
1.81
1.82


Similar Part No. - AAT2860-1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2861IMK-2-T1 AAT-AAT2861IMK-2-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2861IMK-3-T1 AAT-AAT2861IMK-3-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
More results

Similar Description - AAT2860-1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
   Power AND Lighting Management Unit
logo
Texas Instruments
LM8502 TI1-LM8502_13 Datasheet
1Mb / 72P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
[Old version datasheet]   Advanced Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
   Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
National Semiconductor ...
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
   Advanced Lighting Management Unit
logo
Texas Instruments
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
ams AG
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
   480mA Camera Lighting Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com