Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27V160-120XM1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27V160-120XM1
Description  16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V160-120XM1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27V160-120XM1 Datasheet HTML 4Page - STMicroelectronics M27V160-120XM1 Datasheet HTML 5Page - STMicroelectronics M27V160-120XM1 Datasheet HTML 6Page - STMicroelectronics M27V160-120XM1 Datasheet HTML 7Page - STMicroelectronics M27V160-120XM1 Datasheet HTML 8Page - STMicroelectronics M27V160-120XM1 Datasheet HTML 9Page - STMicroelectronics M27V160-120XM1 Datasheet HTML 10Page - STMicroelectronics M27V160-120XM1 Datasheet HTML 11Page - STMicroelectronics M27V160-120XM1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Device description
M27V160
8/26
2
Device description
Table 2 lists the operating modes of the M27V160. A single power supply is required in the
read mode. All inputs are TTL compatible except for VPP and 12V on A9 for the Electronic
Signature.
2.1
Read mode
The M27V160 has two organisations, Word-wide and Byte-wide. The organisation is
selected by the signal level on the BYTEVPP pin. When BYTEVPP is at VIH the Word-wide
organisation is selected and the Q15A–1 pin is used for Q15 Data Output. When the
BYTEVPP pin is at VIL the Byte-wide organisation is selected and the Q15A–1 pin is used for
the Address Input A–1. When the memory is logically regarded as 16 bit wide, but read in
the Byte-wide organisation, then with A–1 at VIL the lower 8 bits of the 16 bit data are
selected and with A–1 at VIH the upper 8 bits of the 16 bit data are selected.
The M27V160 has two control functions, both of which must be logically active in order to
obtain data at the outputs. In addition the Word-wide or Byte- wide organisation must be
selected.
Chip Enable (E) is the power control and should be used for device selection. Output Enable
(G) is the output control and should be used to gate data to the output pins independent of
device selection. Assuming that the addresses are stable, the address access time (tAVQV)
is equal to the delay from E to output (tELQV). Data is available at the output after a delay of
tGLQV from the falling edge of G, assuming that E has been low and the addresses have
been stable for at least tAVQV-tGLQV.
2.2
Standby mode
The M27V160 has a standby mode which reduces the active current from 20mA to 20µA
with low voltage operation VCC ≤ 3.6V, see Read Mode DC Characteristics table for
details.The M27V160 is placed in the standby mode by applying a CMOS high signal to the
Table 2.
Operating Modes (1)
1.
X = VIH or VIL, VID = 12V ± 0.5V.
Mode
E
G
BYTEVPP
A9
Q15A–1
Q14-Q8
Q7-Q0
Read Word-wide
VIL
VIL
VIH
X
Data Out
Data Out
Data Out
Read Byte-wide Upper
VIL
VIL
VIL
XVIH
Hi-Z
Data Out
Read Byte-wide Lower
VIL
VIL
VIL
XVIL
Hi-Z
Data Out
Output Disable
VIL
VIH
X
X
Hi-Z
Hi-Z
Hi-Z
Program
VIL Pulse
VIH
VPP
X
Data In
Data In
Data In
Verify
VIH
VIL
VPP
X
Data Out
Data Out
Data Out
Program Inhibit
VIH
VIH
VPP
X
Hi-Z
Hi-Z
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Hi-Z
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
Code
Codes
Codes


Similar Part No. - M27V160-120XM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V160-100B1TR STMICROELECTRONICS-M27V160-100B1TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V160-100B6TR STMICROELECTRONICS-M27V160-100B6TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V160-100F1TR STMICROELECTRONICS-M27V160-100F1TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V160-100F6TR STMICROELECTRONICS-M27V160-100F6TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V160-100M1TR STMICROELECTRONICS-M27V160-100M1TR Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
More results

Similar Description - M27V160-120XM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com