Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27W201-150F6TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # M27W201-150F6TR
Description  2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W201-150F6TR Datasheet(HTML) 5 Page - STMicroelectronics

  M27W201-150F6TR Datasheet HTML 1Page - STMicroelectronics M27W201-150F6TR Datasheet HTML 2Page - STMicroelectronics M27W201-150F6TR Datasheet HTML 3Page - STMicroelectronics M27W201-150F6TR Datasheet HTML 4Page - STMicroelectronics M27W201-150F6TR Datasheet HTML 5Page - STMicroelectronics M27W201-150F6TR Datasheet HTML 6Page - STMicroelectronics M27W201-150F6TR Datasheet HTML 7Page - STMicroelectronics M27W201-150F6TR Datasheet HTML 8Page - STMicroelectronics M27W201-150F6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M27W201
Summary description
5/24
1
Summary description
The M27W201 is a low voltage 2 Mbit EPROM offered in the two range UV (ultra violet
erase) and OTP (one time programmable). It is ideally suited for microprocessor systems
requiring large data or program storage and is organised as 262,144 by 8 bits.
The M27W201 operates in the read mode with a supply voltage as low as 2.7V at –40 to
85°C temperature range. The decrease in operating power allows either a reduction of the
size of the battery or an increase in the time between battery recharges.
The FDIP32W (window ceramic frit-seal package) has a transparent lid which allows the
user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be
written to the device by following the programming procedure.
For application where the content is programmed only one time and erasure is not required,
the M27W201 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20mm and 8 x 14mm)
packages.
In order to meet environmental requirements, ST offers the M27W201 in ECOPACK®
packages. ECOPACK packages are Lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK® specifications are available at: www.st.com.
See Figure 1: Logic Diagram and Table 1: Signal Descriptions for a brief overview of the
signals connected to this device.
Figure 1.
Logic Diagram
AI01359
18
A0-A17
P
Q0-Q7
VPP
VCC
M27W201
G
E
VSS
8


Similar Part No. - M27W201-150F6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W201-150F6TR STMICROELECTRONICS-M27W201-150F6TR Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
More results

Similar Description - M27W201-150F6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V402 STMICROELECTRONICS-M27V402 Datasheet
101Kb / 15P
   4 Mbit (256Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com