Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2158 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT2158
Description  1.5A Low Noise Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2158 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT2158 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2158 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2158 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2158 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2158 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2158 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2158 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2158 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2158 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AAT2158
1.5A Low Noise Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
2158.2008.02.1.2
1
www .analogictech.com
General Description
The AAT2158 SwitchReg is a 1.5A step-down converter
with an input voltage range of 2.4V to 5.5V and an adjust-
able output voltage from 0.6V to VIN. The 1.4MHz switch-
ing frequency enables the use of small external compo-
nents. The small footprint and high efficiency make the
AAT2158 an ideal choice for portable applications.
The AAT2158 delivers 1.5A maximum output current
while consuming only 42μA of no-load quiescent current.
Ultra-low RDS(ON) integrated MOSFETs and 100% duty
cycle operation make the AAT2158 an ideal choice for
high output voltage, high current applications which
require a low dropout threshold.
The AAT2158 provides excellent transient response and
high output accuracy across the operating range. No
external compensation components are required.
The AAT2158 maintains high efficiency throughout the
load range. The AAT2158’s unique architecture produces
reduced ripple and spectral noise. Over-temperature and
short-circuit protection safeguard the AAT2158 and sys-
tem components from damage.
The AAT2158 is available in a Pb-free, space-saving
16-pin 3x3mm QFN package. The product is rated over
an operating temperature range of -40°C to +85°C.
Features
• 1.5A Maximum Output Current
• Input Voltage: 2.4V to 5.5V
• Output Voltage: 0.6V to VIN
• Up to 95% Efficiency
• Low Noise Light Load Mode
• 42μA No Load Quiescent Current
• No External Compensation Required
• 1.4MHz Switching Frequency
• 100% Duty Cycle Low-Dropout Operation
• Internal Soft Start
• Over-Temperature and Current Limit Protection
• <1μA Shutdown Current
• 16-Pin 3x3mm QFN Package
• Temperature Range: -40°C to +85°C
Applications
• Cellular Phones
• Digital Cameras
• Hard Disk Drives
• MP3 Players
• PDAs and Handheld Computers
• Portable Media Players
• USB Devices
Typical Application
2.2µH
L1
22µF
C3
10µF
C1
2.5V
3.3V
187k
R3
59k
R4
LX
14
N/C
6
EN
7
VCC
9
VP
10
N/C
8
LX
13
PGND
3
VP
12
VP
11
FB
4
LX
15
PGND
2
PGND
1
SGND
5
N/C
16
AAT2158
U1


Similar Part No. - AAT2158

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT2158IVN-0.6-T1 ANALOGICTECH-AAT2158IVN-0.6-T1 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2158IVN-0.6-T1 ANALOGICTECH-AAT2158IVN-0.6-T1 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
More results

Similar Description - AAT2158

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT1145 ANALOGICTECH-AAT1145_08 Datasheet
851Kb / 17P
   1.5A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Champion Microelectroni...
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com