Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP16NF06FP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP16NF06FP
Description  N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16NF06FP Datasheet(HTML) 6 Page - STMicroelectronics

  STP16NF06FP Datasheet HTML 1Page - STMicroelectronics STP16NF06FP Datasheet HTML 2Page - STMicroelectronics STP16NF06FP Datasheet HTML 3Page - STMicroelectronics STP16NF06FP Datasheet HTML 4Page - STMicroelectronics STP16NF06FP Datasheet HTML 5Page - STMicroelectronics STP16NF06FP Datasheet HTML 6Page - STMicroelectronics STP16NF06FP Datasheet HTML 7Page - STMicroelectronics STP16NF06FP Datasheet HTML 8Page - STMicroelectronics STP16NF06FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STP16NF06/FP
6/9
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive
Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times


Similar Part No. - STP16NF06FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NF06FP STMICROELECTRONICS-STP16NF06FP Datasheet
325Kb / 14P
   N-channel 60V - 0.08廓 - 16A - TO-220/TO-220FP STripFET??II Power MOSFET
logo
Inchange Semiconductor ...
STP16NF06FP ISC-STP16NF06FP Datasheet
296Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STP16NF06FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
   N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
STP16NF06 STMICROELECTRONICS-STP16NF06_07 Datasheet
325Kb / 14P
   N-channel 60V - 0.08廓 - 16A - TO-220/TO-220FP STripFET??II Power MOSFET
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
472Kb / 11P
   N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET??II POWER MOSFET
STF12PF06 STMICROELECTRONICS-STF12PF06 Datasheet
260Kb / 10P
   P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
   N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
   N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com