Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM235Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM235Z
Description  Precision temperature sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM235Z Datasheet(HTML) 2 Page - STMicroelectronics

  LM235Z Datasheet HTML 1Page - STMicroelectronics LM235Z Datasheet HTML 2Page - STMicroelectronics LM235Z Datasheet HTML 3Page - STMicroelectronics LM235Z Datasheet HTML 4Page - STMicroelectronics LM235Z Datasheet HTML 5Page - STMicroelectronics LM235Z Datasheet HTML 6Page - STMicroelectronics LM235Z Datasheet HTML 7Page - STMicroelectronics LM235Z Datasheet HTML 8Page - STMicroelectronics LM235Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Schematic diagram
LM135-LM235-LM335
2/16
1
Schematic diagram
Figure 1.
Schematic diagram
2
Absolute maximum ratings
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
LM135
LM235
LM335-
LM335A
Unit
IR
IF
Current
Reverse
Forward
15
10
mA
Toper
Operating free-air temperature
range(1)
Continuous
Intermittent
1.
Tj ≤ 150°C
-55 to +150
+150 to +200
-40 to +125
+125 to +150
-40 to +100
+100 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C


Similar Part No. - LM235Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM235Z STMICROELECTRONICS-LM235Z Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
More results

Similar Description - LM235Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com