Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1145 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT1145
Description  1.5A Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1145 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT1145 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1145 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AAT1145
1.5A Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
1145.2008.01.1.2
1
www .analogictech.com
General Description
The AAT1145 SwitchReg™ is a 1.2MHz constant fre-
quency current mode PWM step-down converter. It is
ideal for portable equipment requiring very high current
up to 1.5A from single-cell Lithium-ion batteries while
still achieving over 90% efficiency during peak load con-
ditions. The AAT1145 also can run at 100% duty cycle
for low dropout operation, extending battery life in por-
table systems while light load operation provides very
low output ripple for noise sensitive applications.
The AAT1145 can supply up to 1.5A output load current
from a 2.5V to 5.5V input voltage and the output voltage
can be regulated as low as 0.6V. The high switching fre-
quency minimizes the size of external components while
keeping switching losses low. The internal slope compen-
sation setting allows the device to operate with smaller
inductor values to optimize size and provide efficient
operation.
The AAT1145 is available in adjustable (0.6V to VIN) and
fixed (1.8V) output voltage versions. The device is avail-
able in a Pb-free, 3x3mm 10-lead TDFN package and is
rated over the -40°C to +85°C temperature range.
Features
• Input Voltage Range: 2.5V to 5.5V
• Output Voltages from 0.6V to VIN
• 1.5A Output Current
• High Efficiency: Up to 95%
• 1.2MHz Constant Switching Frequency
• Low RDS(ON) Internal Switches: 135mΩ, 95mΩ
• Allows Use of Ceramic Capacitors
• Current Mode Operation for Excellent Line and Load
Transient Response
• Short-Circuit and Thermal Fault Protection
• Soft Start
• Low Dropout Operation: 100% Duty Cycle
• Low Shutdown Current: ISHUTDOWN < 1μA
• TDFN33-10 Package
• -40°C to +85°C Temperature Range
Applications
• Cellular Phones
• Digital Cameras
• DSP Core Supplies
• PDAs
• Portable Instruments
• Smart Phones
Typical Application
PGND
PGND
LX
LX
EN
IN
AIN
AGND
OUT
AAT1145-1.8
C1
10μF
VIN 2.5V-5.5V
L1
2.2μH
C2
22μF
VOUT
1.8V,1.5A
1
2
3
4
5
7
8
9
10
AGND
6


Similar Part No. - AAT1145

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1145IDE-0.6-T1 ANALOGICTECH-AAT1145IDE-0.6-T1 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
AAT1145IDE-1.8-T1 ANALOGICTECH-AAT1145IDE-1.8-T1 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
More results

Similar Description - AAT1145

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Lowpower Semiconductor ...
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
   1.5MHz, 1.5A Step-Down Converter
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
   1.5MHz, 1.5A Step-Down Converter
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
logo
Advanced Analogic Techn...
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
logo
Monolithic Power System...
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
   1.5A, 2MHz, 55V Step-Down Converter
MP4559 MPS-MP4559 Datasheet
555Kb / 19P
   1.5A, 2MHz, 55V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com