Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDR1833 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDR1833
Description  Very low drop dual voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDR1833 Datasheet(HTML) 5 Page - STMicroelectronics

  LDR1833 Datasheet HTML 1Page - STMicroelectronics LDR1833 Datasheet HTML 2Page - STMicroelectronics LDR1833 Datasheet HTML 3Page - STMicroelectronics LDR1833 Datasheet HTML 4Page - STMicroelectronics LDR1833 Datasheet HTML 5Page - STMicroelectronics LDR1833 Datasheet HTML 6Page - STMicroelectronics LDR1833 Datasheet HTML 7Page - STMicroelectronics LDR1833 Datasheet HTML 8Page - STMicroelectronics LDR1833 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LDR1833 - LDR2533
Maximum ratings
5/16
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI1 & VI2
DC input voltage
-0.3 to 15
V
INH
Shutdown voltage
-0.3 to 15
V
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-50 to +150
°C
TA
Operating ambient temperature range
-40 to +125
°C
Table 4.
Thermal data
Symbol
Parameter
PPAK
Unit
RthJC
Thermal resistance junction-case
8
°C/W


Similar Part No. - LDR1833

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833 Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
LDR1833K7-R STMICROELECTRONICS-LDR1833K7-R Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
LDR1833PT-R STMICROELECTRONICS-LDR1833PT-R Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
More results

Similar Description - LDR1833

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
   Multifunction very low drop voltage regulator
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
November 2009 Rev 1
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
LDFM STMICROELECTRONICS-LDFM Datasheet
1Mb / 36P
   500 mA very low drop voltage regulator
September 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com